Electronic Components Datasheet Search
  English  ▼

X  

ST7586S Datasheet(PDF) 52 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 52 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 56Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
ST7586S
Ver-1.1a
52/63
2009/11/30
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable
to take normal precautions appropriate to handling MOS devices.
ABSOLUTE MAXIMUM RATINGS
VSS=0V
Parameter
Symbol
Conditions
Unit
Digital Power Supply Voltage
VDDI (VDD1)
–0.3 ~ 3.6
V
Analog Power supply voltage
VDDA (VDD2~VDD5)
–0.3 ~ 3.6
V
LCD Power supply voltage
V0-XV0
–0.3 ~ 19
V
LCD Power supply voltage
VG
–0.3 ~ 5.5
V
LCD Power supply voltage
VM
–0.3 ~ VDDA+0.3
V
MPU Interface Input Voltage
Vin
–0.3 ~ VDDI+0.3
V
Operating temperature
TOPR
–30 to +80
°C
Storage temperature
TSTR
–40 to +125
°C
Note:
1.
All voltages are respect to VSS unless otherwise noted (VSS=VSS1=VSS2=VSS4=VSSX).
2.
Stresses exceed the ranges listed above may cause permanent damage to IC.
3.
Parameters are valid over operating temperature range unless otherwise specified.
4.
Insure the voltage levels of V0, VG, VM, VSS and XV0 always match the correct relation:
V0
≥ VG > VM > VSS ≥ XV0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com