Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 2 Page - NXP Semiconductors

  SE97 Datasheet HTML 1Page - NXP Semiconductors SE97 Datasheet HTML 2Page - NXP Semiconductors SE97 Datasheet HTML 3Page - NXP Semiconductors SE97 Datasheet HTML 4Page - NXP Semiconductors SE97 Datasheet HTML 5Page - NXP Semiconductors SE97 Datasheet HTML 6Page - NXP Semiconductors SE97 Datasheet HTML 7Page - NXP Semiconductors SE97 Datasheet HTML 8Page - NXP Semiconductors SE97 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
2 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
The SE97 has a single die for both the temp sensor and EEPROM for higher reliability and
supports the industry-standard 2-wire I2C-bus/SMBus serial interface. The SMBus
TIMEOUT function is supported to prevent system lock-ups. Manufacturer and Device ID
registers provide the ability to confirm the identity of the device. Three address pins allow
up to eight devices to be controlled on a single bus.
2.
Features
2.1 General features
JEDEC (JC-42.4) TSE 2002B3 DIMM
± 0.5 °C (typ.) between 75 °C and 95 °C
temperature sensor plus 256-byte serial EEPROM for Serial Presence Detect (SPD)
Optimized for voltage range: 3.0 V to 3.6 V, but SPD can be read down to 1.7 V
Shutdown current: 0.1
μA (typ.) and 5.0 μA (max.)
2-wire interface: I2C-bus/SMBus compatible, 0 Hz to 400 kHz
SMBus ALERT Response Address and TIMEOUT (programmable)
ESD protection exceeds 2500 V HBM per JESD22-A114, 250 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Available packages: TSSOP8, HVSON8, HXSON8, HWSON8 (JEDEC PSON8
VCED-3)
2.2 Temperature sensor features
11-bit ADC Temperature-to-Digital converter with 0.125
°C resolution
Operating current: 250
μA (typ.) and 400 μA (max.)
Programmable hysteresis threshold: off, 0
°C, 1.5 °C, 3 °C, 6 °C
Over/under/critical temperature EVENT output
B grade accuracy:
±0.5 °C/±1 °C (typ./max.) → +75 °C to +95 °C
±1.0 °C/±2 °C (typ./max.) → +40 °C to +125 °C
±2.0 °C/±3 °C (typ./max.) →−40 °C to +125 °C
2.3 Serial EEPROM features
Operating current:
Write
→ 0.6 mA (typ.) for 3.5 ms (typ.)
Read
→ 100 μA (typ.)
Organized as 1 block of 256 bytes [(256
× 8) bits]
100,000 write/erase cycles and 10 years of data retention
Permanent and Reversible Software Write Protect
Software Write Protection for the lower 128 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com