Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 45Page - NXP Semiconductors SE97 Datasheet HTML 46Page - NXP Semiconductors SE97 Datasheet HTML 47Page - NXP Semiconductors SE97 Datasheet HTML 48Page - NXP Semiconductors SE97 Datasheet HTML 49Page - NXP Semiconductors SE97 Datasheet HTML 50Page - NXP Semiconductors SE97 Datasheet HTML 51Page - NXP Semiconductors SE97 Datasheet HTML 52Page - NXP Semiconductors SE97 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
49 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
Fig 45. Package outline SOT1069-2 (HWSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1069-2
- - -
MO-229
- - -
sot1069-2_po
09-10-22
09-11-18
Unit
mm
max
nom
min
0.80
0.75
0.70
0.05
0.02
0.00
2.1
2.0
1.9
1.6
1.5
1.4
3.1
3.0
2.9
0.5
1.5
0.45
0.40
0.35
0.05
A(1)
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HWSON8: plastic thermal enhanced very very thin small outline package; no leads;
8 terminals; body 2 x 3 x 0.8 mm
SOT1069-2
A1
0.65
0.55
0.45
A2
0.2
A3
b
0.30
0.25
0.18
D(1)
D2
E(1)
E2
1.6
1.5
1.4
ee1
K
0.40
0.35
0.30
Lv
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
terminal 1
index area
B
A
D
E
detail X
A
A3
A1
A2
terminal 1
index area
b
e1
e
A
C
B
v
C
w
E2
L
K
D2
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com