Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 37Page - NXP Semiconductors SE97 Datasheet HTML 38Page - NXP Semiconductors SE97 Datasheet HTML 39Page - NXP Semiconductors SE97 Datasheet HTML 40Page - NXP Semiconductors SE97 Datasheet HTML 41Page - NXP Semiconductors SE97 Datasheet HTML 42Page - NXP Semiconductors SE97 Datasheet HTML 43Page - NXP Semiconductors SE97 Datasheet HTML 44Page - NXP Semiconductors SE97 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
41 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
VOL2 =0.6 V.
VDD = 3.0 V to 3.6 V.
Fig 32. SDA output current
Fig 33. Conversion rate
VDD = 3.0 V to 3.6 V.
VDD = 3.0 V to 3.6 V.
Fig 34. Conversion period
Fig 35. EEPROM write cycle time
For temp sensor conversion.
VDD = 3.0 V to 3.6 V.
For EEPROM read operation.
VDD = 1.7 V to 3.6 V.
Fig 36. Average power-on threshold voltage
Fig 37. Average power-on threshold voltage
Tamb (°C)
−40
120
80
040
002aac907
VDD = 3.6 V
3.0 V
10
15
5
20
25
IOL(sink)(SDA)
(mA)
0
Tamb (°C)
−40
120
80
040
002aac908
9
11
7
13
15
5
conversion rate
(conv/s)
60
120
100
80
140
Tconv
(ms)
002aac909
Tamb (°C)
−40
120
80
040
3
4
5
Tcy(W)
(ms)
2
Tamb (°C)
−40
120
80
040
002aac902
2.4
2.6
2.2
2.8
3.0
Vth
(V)
2.0
Tamb (°C)
−40
120
80
040
002aac903
1.2
1.4
1.6
Vth
(V)
1.0
Tamb (°C)
−40
120
80
040
002aac904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com