Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 4Page - NXP Semiconductors SE97 Datasheet HTML 5Page - NXP Semiconductors SE97 Datasheet HTML 6Page - NXP Semiconductors SE97 Datasheet HTML 7Page - NXP Semiconductors SE97 Datasheet HTML 8Page - NXP Semiconductors SE97 Datasheet HTML 9Page - NXP Semiconductors SE97 Datasheet HTML 10Page - NXP Semiconductors SE97 Datasheet HTML 11Page - NXP Semiconductors SE97 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
8 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7.3 EVENT output condition
The EVENT output indicates conditions such as the temperature crossing a predefined
boundary. The EVENT modes are very configurable and selected using the configuration
register (CONFIG). The interrupt mode or comparator mode is selected using CONFIG[0],
using either TCRIT/UPPER/LOWER or TCRIT only temperature bands (CONFIG[2]) as
modified by hysteresis (CONFIG[10:9]). The UPPER/LOWER (CONFIG[6]) and TCRIT
(CONFIG[7]) bands can be locked. Figure 8 shows an example of the measured
temperature versus time, with the corresponding behavior of the EVENT output in each of
these modes.
Upon device power-up, the default condition for the EVENT output is high-impedance to
prevent spurious or unwanted alarms, but can be later enabled (CONFIG[3]). EVENT
output polarity can be set to active HIGH or active LOW (CONFIG[1]). EVENT status can
be read (CONFIG[4]) and cleared (CONFIG[5]).
• Advisory note:
– NXP device: After power-up, bit 3 (1) and bit 2 or bit 0 (leave as 0 or 1) can be set
at the same time (e.g., in same byte) but once bit 3 is set (1) then changing bit 2 or
bit 0 has no effect on the device operation.
– Competitor device: Does not require that bit 3 be cleared (e.g., set back to (0))
before changing bit 2 or bit 0.
– Work-around: In order to change bit 2 or bit 0 once bit 3 (1) is set, bit 3 (0) must be
cleared in one byte and then change bit 2 or bit 0 and reset bit 3 (1) in the next
byte.
– SE97B will allow bit 2 or bit 0 to be changed even if bit 3 is set.
If the device enters Shutdown mode (CONFIG[8]) with asserted EVENT output, the output
remains asserted during shutdown.
7.3.1 EVENT pin output voltage levels and resistor sizing
The EVENT open-drain output is typically pulled up to a voltage level from 0.9 V to 3.6 V
with an external pull-up resistor, but there is no real lower limit on the pull-up voltage for
the EVENT pin since it is simply an open-drain output. It could be pulled up to 0.1 V and
would not affect the output. From the system perspective, there will be a practical limit.
That limit will be the voltage necessary for the device monitoring the interrupt pin to detect
a HIGH on its input. A possible practical limit for a CMOS input would be 0.4 V. Another
thing to consider is the value of the pull-up resistor. When a low supply voltage is applied
to the drain (through the pull-up resistor) it is important to use a higher value pull-up
resistor, to allow a larger maximum signal swing on the EVENT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com