Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 29Page - NXP Semiconductors SE97 Datasheet HTML 30Page - NXP Semiconductors SE97 Datasheet HTML 31Page - NXP Semiconductors SE97 Datasheet HTML 32Page - NXP Semiconductors SE97 Datasheet HTML 33Page - NXP Semiconductors SE97 Datasheet HTML 34Page - NXP Semiconductors SE97 Datasheet HTML 35Page - NXP Semiconductors SE97 Datasheet HTML 36Page - NXP Semiconductors SE97 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
33 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
8.7 Manufacturer’s ID register (16-bit read-only)
The SE97 Manufacturer’s ID register is intended to match NXP Semiconductors PCI SIG
(1131h).
8.8 Device ID register
The SE97 device ID is A2h. The device revision varies by device.
[1]
00 for SE97PW, SE97TK (original) is 00h.
01 for SE97TL, SE97TP (improved VPOR and EVENT IOL) is 01h.
Table 23.
Manufacturer’s ID register bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
Manufacturer ID
Default
00
01
00
01
Access
RR
RR
RR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
(continued)
Default
00
11
00
01
Access
RR
RR
RR
RR
Table 24.
Device ID register bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
Device ID
Default
10
10
00
10
Access
RR
RR
RR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
Device revision
Default
00
00
00
[1]
[1]
Access
RR
RR
RR
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com