Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 36Page - NXP Semiconductors SE97 Datasheet HTML 37Page - NXP Semiconductors SE97 Datasheet HTML 38Page - NXP Semiconductors SE97 Datasheet HTML 39Page - NXP Semiconductors SE97 Datasheet HTML 40Page - NXP Semiconductors SE97 Datasheet HTML 41Page - NXP Semiconductors SE97 Datasheet HTML 42Page - NXP Semiconductors SE97 Datasheet HTML 43Page - NXP Semiconductors SE97 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
40 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
I2C-bus and EEPROM inactive.
I2C-bus, temp sensor and EEPROM inactive.
Fig 26. Average supply current
Fig 27. Shutdown supply current
Temp sensor and EEPROM active.
VDD = 3.0 V to 3.6 V.
Fig 28. Average supply current during EEPROM write
Fig 29. Typical temperature accuracy
VOL1 =0.4 V.
VOL1 =0.4 V.
Fig 30. EVENT output current SE97PW, SE97TK
Fig 31. EVENT output current SE97TL, SE97TP
200
300
100
400
500
IDD(AV)
(
μA)
0
Tamb (°C)
−40
120
80
040
002aac910
VDD = 3.6 V
3.0 V
1
3
5
Isd(VDD)
(
μA)
−1
Tamb (°C)
−40
120
80
040
002aac911
VDD = 3.6 V
3.0 V
200
500
400
300
600
IDD(AV)
(
μA)
002aac912
Tamb (°C)
−40
120
80
040
VDD = 3.6 V
3.0 V
−2.0
3.5
−3.5
Tamb (°C)
−50
125
002aad769
100
75
50
25
0
−25
2.0
Tlim(acc)
(
°C)
0
−1.0
1.0
2.0
8.0
IOL
(mA)
0
Tamb (°C)
−50
125
002aad258
100
75
50
25
0
−25
6.0
4.0
VDD = 3.0 V to 3.6 V
VDD = 1.7 V
Tamb (°C)
−50
125
002aad767
100
75
50
25
0
−25
VDD = 3.7 V
3.3 V
2.9 V
1.7 V
10
20
30
IOL(sink)EVENT
(mA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com