Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 72 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 72 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 68Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 69Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 70Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 71Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 72Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 73Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 74Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 75Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 76Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
TCAC Air Coils Inductors, Spring Coils
Winding Formula & Q Factor
Single layer air coil winding formula Methods and Increasing Q Factor
The following single layer air coil formula is most accurate when the coil length is greater than 0.67r
and the frequency is less than 10 MHz. As the frequency goes above 10MHz, the formula becomes less
accurate, because parasitics dominate the circuit. In all cases, the length is 4 times the radius.
Formula in Inch Units: L = r2N2 / (9r + 10A); N = (L(9r + 10A) / r2)1/2
Formula in Metric Units: L = 0.394r2N2 / (9r + 10A); N = (L(9r + 10A) / 0.394r2)1/2
Where:
● L = inductance (in microhenries).
● r = radius of coil (in inches or cm).
● N = number of turns.
● A = length of winding (in inches or cm).
The Q or Quality Factor of an inductor is the ratio of its inductive reactance XL to its series resistance
RS. The larger the ratio, the better the inductor.
Formula: Q = XL / RS, Where:
● XT = 2πƒL. where ƒ = Frequency (Hz); L = Inductance in Henries.
● RS is determined by multiplying the length of the wire used to wind the coil by the D.C. resistance
per unit length for the wire gage used.
● Q changes dramatically as a function of frequency.
● At lower frequencies, Q is very good because only the D.C. resistance of the windings has an effect
which is very low.
● As frequency goes up, Q will increase up to about the point where the skin effect and the combined
distributed capacitances begin to dominate.
● From then on, Q falls rapidly and becomes 0 at the self resonance frequency of the coil.
Increasing Q of Inductors:
● Spread the windings. Air gaps between the windings decrease the distributed capacitances.
● Use a ferrite core or powdered iron to wind the coil on. This will increase the permeability of the
space around the core.
● Decrease the series resistance of the windings by increasing the wire gage used. Larger wire has a
lower resistance per unit length.
70 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com