Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 75 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 75 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 71Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 72Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 73Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 74Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 75Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 76Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 77Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 78Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 79Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
TCB7T Choke Coil Inductors
Configurations & Dimensions
A
B
C
E
D
3
2
1
4
6
5
Type
A(max)
B(max)
C ± 1.0
D ± 0.5
E ± 0.05
TCB7T
7.2
7.1
2.6
4.5
0.5
Note: Design as Customer’s Requested Specifications
Electrical Characteristics
Part Number
Winding Turns Operating Freq. Ranges ( MHz )
Insertion Loss (dB)
Figure
Double balanced mixer
TCB7T - 456DB1013
1
50 ~ 400
10dB(max)
1
TCB7T - 456DB1014
2
10 ~ 1.0 GHz
6dB(max)
1
TCB7T - 456DB1005
3
8 ~ 800
3.5dB(max)
1
TCB7T - 456DB1006
4
6 ~ 600
2.5dB(max)
1
TCB7T - 456DB1007
5
5 ~ 500
2dB(max)
1
TCB7T - 456DB1009
2
400 ~ 1.3 GHz
4dB(max)
1
Distributor
TCB7T - 456DS1012
-
20 ~ 600
In to Out-1,2
4.5dB(max)
Out-1 to Out-2
(Isolation)10dB(min)
2
Directional coupler
TCB7T - 456PS1015
4
6 ~ 600
In to Out-1 1.3dB(max)
In to Out-2 11dB-14dB
3
TCB7T - 456PS1016
5
6 ~ 600
In to Out-1 0.9dB(max)
In to Out-2 13dB-16dB
3
TCB7T - 456PS1011
6
6 ~ 600
In to Out-1 0.8dB(max)
In to Out-2 15dB-17dB
3
73 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com