Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 80 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 80 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 76Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 77Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 78Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 79Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 80Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 81Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 82Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 83Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 84Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
TCTC High Current Toroidal Inductors
Configurations & Dimensions
Back to 1st Page - Toroidal Inductors (TCTC)
A
B
Part Number
Dimentions (mm)
Turns Inductance
L (µH)
RDC
(mΩ)
A max.
B max.
C max.
D max.
Wire Dia.
TCTC1005IR-330-J
12.0
7.0
25.0
3.0
Φ0.4
25
33
59
TCTC1104IR-300-J
13.5
7.5
25.0
3.0
Φ0.4
25
30
62
TCTC1305IR-330-J
15.5
8.5
25.0
3.0
Φ0.4
28
33
71
TCTC1306IR-300-J
17.0
9.5
25.0
3.0
Φ0.6
26
30
30
TCTC1506IR-330-J
19.0
10.0
25.0
3.0
Φ0.6
24
33
40
TCTC1806IR-390-J
21.0
10.0
25.0
3.0
Φ0.6
25
39
33
TCTC2006IR-430-J
25.0
11.0
25.0
3.0
Φ0.8
29
43
31
TCTC2310IR-960-J
27.0
13.5
25.0
3.0
Φ0.8
30
96
42
TCTC2711IR-121-J
32.0
17.0
25.0
3.0
Φ1.0
30
120
37
TCTC3311IR-141-J
40.0
17.0
25.0
3.0
Φ1.0
40
140
37
Note: Design as Customer’s Requested Specifications.
How to Order
IR
TCTC
330
1506
J
Part Number: TCTC
Core Size
Code
Tolerance
J
5%
K
10%
L
15%
M
20%
N
30%
Y
minS
Core Type
Tolerance
Code
Inductance
330
33µH
121
120µH
Inductance
78 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com