Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 82 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 82 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 77Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 78Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 79Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 80Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 81Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 82Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 83Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 84Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 85Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 82 / 85 page
background image
TCFB Inductor Filter Ferrite Beads
Configurations & Dimensions
A
B
C
Type
A
B
C
Impedance (Ω) Min.
10MHz
100MHz
TCFB*2515*
2.5±0.15
1.5±0.15
0.65
5.0
20.0
TCFB*2530*
2.5±0.15
3.0±0.20
0.65
8.0
25.0
TCFB*2540*
2.5±0.15
4.0±0.20
0.65
12.0
32.0
TCFB*2575*
2.5±0.15
7.0±0.30
0.65
20.0
58.0
TCFB*3530*
3.5±0.20
3.0±0.20
0.65
13.0
65.0
TCFB*3545*
3.5±0.20
4.5±0.20
0.65
20.0
45.0
TCFB*3547*
3.5±0.20
4.7±0.20
0.65
20.0
45.0
TCFB*3550*
3.5±0.20
5.0±0.20
0.65
20.0
50.0
TCFB*3560*
3.5±0.20
6.0±0.20
0.65
20.0
80.0
TCFB*3578*
3.5±0.20
7.8±0.30
0.65
28.0
90.0
TCFB*3583*
3.5±0.20
8.3±0.30
0.65
30.0
100.0
TCFB*3590*
3.5±0.20
9.0±0.40
0.65
60.0
100.0
TCFB*3510*
3.5±0.20
10.0±0.4
0.65
50.0
130.0
TCFB*3512*
3.5±0.20
12.0±0.5
0.65
45.0
145.0
TCFB*3514*
3.5±0.20
14.0±0.5
0.65
60.0
150.0
Note: Only available some sizes for Radial Double & Single core type.
80 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com