Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 20 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 20 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
TCUU EMI Line Filters
Back to 1st Page - EMI Line Filters (TCUU)
Part Number: TCUU98V Vertical Type,
TCUU98H Horizontal Type,
TCUU10,
TCUU16
(TCUU98V, TCUU98H, TCUU10, TCUU16) How to Order
471
TCUU98V
Code
Inductance
471
0.47mH
681
0.68mH
102
1.0mH
222
2.2mH
Inductance
Winding
Code
Tolerance
None
Standard Winding
D
Sectional Winding
P
Package : P ( Bulk )
Part Number: TCUT20,
TCET24B,
TCET24H,
TCET28B,
TCET28H
(TCUT20, TCET24B, TCET24H, TCET28B, TCET28H) How to Order
471
TCUU98V
P
Code
Inductance
222
2.2mH
392
3.9mH
103
10.0mH
183
20.0mH
Inductance
Package : P ( Bulk )
18 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com