Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 18 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 18 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
TCET28B EMI Line Filters
Magnetic Shielded Core (TCET28B) Configurations & Dimensions
A
C
D
F
Type
A (max)
B(max)
C(max)
D
E
F
G
TCET28B
22.0
31.0
35.5
4.0
Φ0.8
10.0
13.0
Note: Design as Customer’s Requested Specifications.
Common Mode Chokes (TCET28B) at 25°C Electrical Characteristics
Part
Number
Inductance
(mH)(min)
Inductance Balance
(µH)(max)
DCR
(Ω)(max)
IDC
(A)(max)
TCET28B-182
1.8
100
0.072
2.60
TCET28B-682
6.8
200
0.23
1.60
TCET28B-123
12.0
400
0.38
1.20
TCET28B-223
22.0
500
0.65
1.00
TCET28B-393
39.0
700
1.43
0.70
TCET28B-683
68.0
850
1.82
0.60
Note: Test Freq.: 1.0kHz
Allowable Current : D.C. Current When Temperature of Coil Increased up to 40°C .(Ta=25°C )
16 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com