Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 62 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 62 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 59Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 60Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 61Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 62Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 63Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 64Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 65Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 66Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
TC19 Power Gap Toroidal Inductors
Configurations & Dimensions
TC19
A
B
D
C
E
Land Pattern
TC19A
Top view
Bottom View
3
A 2
1
4
5
6
A
B
C
6
1
1
2
3
6
5
4
E
F
D
Type
A
B
C
D
E
F
TC19
10.0 (Ref.)
11.5 (Ref.)
15.0 ± 5.0
2.0 (max)
11.0
-
TC19A
11.0 (Ref.)
15.0 (Ref.)
3.5 ± 1.0
0.6 ± 0.05
7.0 ± 0.5
3.5 ± 0.5
Note: Design as Customer’s Requested Specifications.
Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TC19
19.5
100
0.093
3.00
TC19A
19.5
100
0.093
3.00
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
How to Order
0606
TC19
Back to 1st Page - Power Inductor Gap Toroidal coils (TC19)
Power Inductor Through Hole Gap Toroidal Coils: TC19, TC19A
60 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com