Electronic Components Datasheet Search
  English  ▼

X  

TCUT20103P Datasheet(PDF) 78 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20103P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20103P Datasheet(HTML) 78 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20103P Datasheet HTML 74Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 75Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 76Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 77Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 78Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 79Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 80Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 81Page - Token Electronics Industry Co., Ltd. TCUT20103P Datasheet HTML 82Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
TCTK Toroidal Coils Power Inductor
Configurations & Dimensions
A
B
C
E
D
D
F
TC-XXX
BOTTOM VIEW
Type
A± 0.5
B(max)
C ± 1.0
D (ref.)
E ± 0.05
F± 0.05
TCTK4452
14.7
17.0
5.0
7.35
8.6
5.6
TCTK5052
16.5
18.0
5.0
8.25
11.4
7.6
TCTK6852
21.0
25.0
5.0
10.50
11.4
7.6
TCTK8052
24.1
27.5
5.0
12.05
15.2
11.4
Note: Design as Customer’s Requested Specifications
Part Number: TCTK4452, TCTK5052, TCTK6852, TCTK8052
How to Order
1R0
TCTK4452
Inductance
Code
Tolerance
K
10%
L
15%
M
20%
N
30%
Y
minS
Back to 1st Page - Power Inductor Toroidal Coils (TCTK)
1R0
Tolerance
76 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com