Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 116Page - Texas Instruments AM1707 Datasheet HTML 117Page - Texas Instruments AM1707 Datasheet HTML 118Page - Texas Instruments AM1707 Datasheet HTML 119Page - Texas Instruments AM1707 Datasheet HTML 120Page - Texas Instruments AM1707 Datasheet HTML 121Page - Texas Instruments AM1707 Datasheet HTML 122Page - Texas Instruments AM1707 Datasheet HTML 123Page - Texas Instruments AM1707 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-66. Additional (1) SPI1 Master Timings, 5-Pin Option (2) (3) (continued)
No.
PARAMETER
MIN
MAX
UNIT
Max delay for slave SPI to drive SPI1_ENA
21
td(SCSL_ENAL)M
valid after master asserts SPI1_SCS to delay
C2TDELAY + P
ns
the master from beginning the next transfer.
Polarity = 0, Phase = 0,
2P -5
to SPI1_CLK rising
Polarity = 0, Phase = 1,
Delay from
0.5tc(SPC)M + 2P -5
to SPI1_CLK rising
SPI1_SCS active to
22
td(SCS_SPC)M
ns
first SPI1_CLK(7) (8)
Polarity = 1, Phase = 0,
2P -5
(9)
to SPI1_CLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 2P -5
to SPI1_CLK falling
Polarity = 0, Phase = 0,
3P + 3
to SPI1_CLK rising
Polarity = 0, Phase = 1,
Delay from assertion
0.5tc(SPC)M + 3P + 3
to SPI1_CLK rising
of SPI1_ENA low to
23
td(ENA_SPC)M
ns
first SPI1_CLK
Polarity = 1, Phase = 0,
3P + 3
edge.(10)
to SPI1_CLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 3P + 3
to SPI1_CLK falling
(7)
If SPI1_ENA is asserted immediately such that the transmission is not delayed by SPI1_ENA.
(8)
In the case where the master SPI is ready with new data before SPI1_SCS assertion.
(9)
This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0].
(10) If SPI1_ENA was initially deasserted high and SPI1_CLK is delayed.
Table 6-67. Additional(1) SPI1 Slave Timings, 4-Pin Enable Option(2) (3)
No.
PARAMETER
MIN
MAX
UNIT
Polarity = 0, Phase = 0,
1.5 P -3
2.5 P + 19
from SPI1_CLK falling
Delay from
Polarity = 0, Phase = 1,
final
– 0.5tc(SPC)M + 1.5 P -3
– 0.5tc(SPC)M + 2.5 P + 19
from SPI1_CLK falling
SPI1_CLK
24
td(SPC_ENAH)S
ns
edge to slave
Polarity = 1, Phase = 0,
1.5 P -3
2.5 P + 19
deasserting
from SPI1_CLK rising
SPI1_ENA.
Polarity = 1, Phase = 1,
– 0.5tc(SPC)M + 1.5 P -3
– 0.5tc(SPC)M + 2.5 P + 19
from SPI1_CLK rising
(1)
These parameters are in addition to the general timings for SPI slave modes ( Table 6-63 ).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
Table 6-68. Additional(1) SPI1 Slave Timings, 4-Pin Chip Select Option(2) (3)
No.
PARAMETER
MIN
MAX
UNIT
Required delay from SPI1_SCS asserted at slave to first
25
td(SCSL_SPC)S
P
ns
SPI1_CLK edge at slave.
Polarity = 0, Phase = 0,
0.5tc(SPC)M + P + 5
from SPI1_CLK falling
Polarity = 0, Phase = 1,
P + 5
Required delay from final
from SPI1_CLK falling
26
td(SPC_SCSH)S
SPI1_CLK edge before
ns
Polarity = 1, Phase = 0,
SPI1_SCS is deasserted.
0.5tc(SPC)M + P + 5
from SPI1_CLK rising
Polarity = 1, Phase = 1,
P + 5
from SPI1_CLK rising
Delay from master asserting SPI1_SCS to slave driving
27
tena(SCSL_SOMI)S
P + 19
ns
SPI1_SOMI valid
(1)
These parameters are in addition to the general timings for SPI slave modes ( Table 6-63 ).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
120
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com