Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 112Page - Texas Instruments AM1707 Datasheet HTML 113Page - Texas Instruments AM1707 Datasheet HTML 114Page - Texas Instruments AM1707 Datasheet HTML 115Page - Texas Instruments AM1707 Datasheet HTML 116Page - Texas Instruments AM1707 Datasheet HTML 117Page - Texas Instruments AM1707 Datasheet HTML 118Page - Texas Instruments AM1707 Datasheet HTML 119Page - Texas Instruments AM1707 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-61. Additional(1) SPI0 Slave Timings, 5-Pin Option(2) (3)
No.
PARAMETER
MIN
MAX
UNIT
Required delay from SPI0_SCS asserted at slave to first
25
td(SCSL_SPC)S
P
ns
SPI0_CLK edge at slave.
Polarity = 0, Phase = 0,
0.5tc(SPC)M + P + 5
from SPI0_CLK falling
Polarity = 0, Phase = 1,
P + 5
Required delay from final
from SPI0_CLK falling
26
td(SPC_SCSH)S
SPI0_CLK edge before
ns
Polarity = 1, Phase = 0,
SPI0_SCS is deasserted.
0.5tc(SPC)M + P + 5
from SPI0_CLK rising
Polarity = 1, Phase = 1,
P + 5
from SPI0_CLK rising
Delay from master asserting SPI0_SCS to slave driving
27
tena(SCSL_SOMI)S
P + 18.5
ns
SPI0_SOMI valid
Delay from master deasserting SPI0_SCS to slave
28
tdis(SCSH_SOMI)S
P + 18.5
ns
3-stating SPI0_SOMI
Delay from master deasserting SPI0_SCS to slave driving
29
tena(SCSL_ENA)S
18.5
ns
SPI0_ENA valid
Polarity = 0, Phase = 0,
2.5 P + 18.5
from SPI0_CLK falling
Polarity = 0, Phase = 1,
Delay from final clock receive
2.5 P + 18.5
from SPI0_CLK rising
edge on SPI0_CLK to slave
30
tdis(SPC_ENA)S
ns
3-stating or driving high
Polarity = 1, Phase = 0,
2.5 P + 18.5
SPI0_ENA.(4)
from SPI0_CLK rising
Polarity = 1, Phase = 1,
2.5 P + 18.5
from SPI0_CLK falling
(1)
These parameters are in addition to the general timings for SPI slave modes ( Table 6-55 ).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
(4)
SPI0_ENA is driven low after the transmission completes if the SPIINT0.ENABLE_HIGHZ bit is programmed to 0. Otherwise it is
3-stated. If 3-stated, an external pullup resistor should be used to provide a valid level to the master. This option is useful when tying
several SPI slave devices to a single master.
Table 6-62. General Timing Requirements for SPI1 Master Modes(1)
No.
PARAMETER
MIN
MAX
UNIT
1
tc(SPC)M
Cycle Time, SPI1_CLK, All Master Modes
greater of 2P or 20 ns
256P
ns
2
tw(SPCH)M
Pulse Width High, SPI1_CLK, All Master Modes
0.5tc(SPC)M - 1
ns
3
tw(SPCL)M
Pulse Width Low, SPI1_CLK, All Master Modes
0.5tc(SPC)M - 1
ns
Polarity = 0, Phase = 0,
5
to SPI1_CLK rising
Polarity = 0, Phase = 1,
- 0.5tc(SPC)M + 5
Delay, initial data bit valid on
to SPI1_CLK rising
4
td(SIMO_SPC)M
SPI1_SIMO to initial edge on
ns
Polarity = 1, Phase = 0,
SPI1_CLK(2)
5
to SPI1_CLK falling
Polarity = 1, Phase = 1,
- 0.5tc(SPC)M + 5
to SPI1_CLK falling
Polarity = 0, Phase = 0,
5
from SPI1_CLK rising
Polarity = 0, Phase = 1,
5
Delay, subsequent bits valid
from SPI1_CLK falling
5
td(SPC_SIMO)M
on SPI1_SIMO after transmit
ns
Polarity = 1, Phase = 0,
edge of SPI1_CLK
5
from SPI1_CLK falling
Polarity = 1, Phase = 1,
5
from SPI1_CLK rising
(1)
P = SYSCLK2 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on
SPI1_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPI1_SOMI.
116
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com