Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2103 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 21Page - NXP Semiconductors LPC2103 Datasheet HTML 22Page - NXP Semiconductors LPC2103 Datasheet HTML 23Page - NXP Semiconductors LPC2103 Datasheet HTML 24Page - NXP Semiconductors LPC2103 Datasheet HTML 25Page - NXP Semiconductors LPC2103 Datasheet HTML 26Page - NXP Semiconductors LPC2103 Datasheet HTML 27Page - NXP Semiconductors LPC2103 Datasheet HTML 28Page - NXP Semiconductors LPC2103 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
25 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
Core and internal rail.
[3]
External rail.
[4]
If VDD(3V3) < 3.0 V, the I/O pins are not 5 V tolerant, and the ADC input voltage is limited to VDDA = 3.0 V.
[5]
If VDDA < 3.0 V, the I/O pins are not 5 V tolerant.
[6]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[7]
Including voltage on outputs in 3-state mode.
[8]
VDD(3V3) supply voltages must be present.
[9]
3-state outputs go into 3-state mode when VDD(3V3) is grounded.
[10] Accounts for 100 mV voltage drop in all supply lines.
[11] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[12] Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V. VDDA ≥ 3.0 V and VDD(3V3) ≥ 3.0 V.
[13] Applies to P0.25:16.
[14] Battery supply current on pin VBAT.
[15] Input leakage current to VSS.
[1]
Conditions: VSSA =0V, VDDA = 3.3 V and VDD(3V3) = 3.3 V for 10-bit resolution at full speed; VDDA = 2.6 V, VDD(3V3) = 2.6 V for 8-bit
resolution at full speed.
[2]
The ADC is monotonic, there are no missing codes.
[3]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 5.
[4]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 5.
[5]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 5.
[6]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 5.
[7]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated ADC
and the ideal transfer curve. See Figure 5.
Vo(XTAL2)
output voltage on
pin XTAL2
0
-
1.8
V
Vi(RTCX1)
input voltage on pin
RTCX1
0
-
1.8
V
Vo(RTCX2) output voltage on
pin RTCX2
0
-
1.8
V
Table 5.
Static characteristics …continued
Tamb= −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 6.
ADC static characteristics
VDDA = 2.5 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified. ADC frequency 4.5 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA
V
Cia
analog input capacitance
-
-
1
pF
ED
differential linearity error
[1][2][3] --
±1
LSB
EL(adj)
integral non-linearity
[1][4] --
±2
LSB
EO
offset error
[1][5] --
±3
LSB
EG
gain error
[1][6] --
±0.5
%
ET
absolute error
[1][7] --
±4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com