Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2103 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 28Page - NXP Semiconductors LPC2103 Datasheet HTML 29Page - NXP Semiconductors LPC2103 Datasheet HTML 30Page - NXP Semiconductors LPC2103 Datasheet HTML 31Page - NXP Semiconductors LPC2103 Datasheet HTML 32Page - NXP Semiconductors LPC2103 Datasheet HTML 33Page - NXP Semiconductors LPC2103 Datasheet HTML 34Page - NXP Semiconductors LPC2103 Datasheet HTML 35Page - NXP Semiconductors LPC2103 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
32 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
Fig 11. Package outline SOT619-7 (HVQFN48)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT619-7
- - -
MO-220
- - -
SOT619-7
05-10-24
05-10-25
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included
HVQFN48: plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7 x 7 x 0.85 mm
0
2.5
5 mm
scale
DIMENSIONS (mm are the original dimensions)
UNIT
mm
0.05
0.00
0.30
0.18
7.1
6.9
7.1
6.9
3.45
3.15
0.5
0.3
A1
b
1
A(1)
max
D(1)
E(1)
Eh
3.45
3.15
Dh
ee1
L
v
0.1
5.5
e2
5.5
0.5
c
0.2
w
0.05
y
0.05
y1
0.1
C
y
C
y1
X
A
detail X
A1
c
b
terminal 1
index area
Dh
Eh
L
e2
e1
e
e
1/2 e
1/2 e
A
C
B
v M
C
w M
13
24
48
37
36
25
12
1
terminal 1
index area
D
E
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com