Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2103 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 29Page - NXP Semiconductors LPC2103 Datasheet HTML 30Page - NXP Semiconductors LPC2103 Datasheet HTML 31Page - NXP Semiconductors LPC2103 Datasheet HTML 32Page - NXP Semiconductors LPC2103 Datasheet HTML 33Page - NXP Semiconductors LPC2103 Datasheet HTML 34Page - NXP Semiconductors LPC2103 Datasheet HTML 35Page - NXP Semiconductors LPC2103 Datasheet HTML 36Page - NXP Semiconductors LPC2103 Datasheet HTML 37Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
35 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
13. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change
notice
Supersedes
LPC2101_02_03_4
20090602
Product data sheet
LPC2101_02_03_3
Modifications:
• Section 6.17.4 “Code security (Code Read Protection - CRP)”: added description of three
CRP levels (applicable to Revision A and higher).
• Section 6.17.7 “Power control”: added description of Deep power-down mode (applicable to
Revision A and higher).
• Section 10.1 “XTAL1 input” added.
• Section 10.2 “XTAL and RTC Printed Circuit Board (PCB) layout guidelines” added.
• Figure 6, Figure 7, Figure 8: added power consumption data for Deep power-down mode
(applicable to Revision A and higher).
• Table 3: added table note 7.
• Table 3: modified description of P0.14, RTCX1, RTCX2, XTAL1, XTAL2, JTAG, and DBGSEL
pins.
• Table 4: modified value for VDD(3V3).
• Table 5: added and modified values for Vhys.
• Table 5: Voltage range for pins VDD(3V3) and VDDA extended to 2.6 V.
LPC2101_02_03_3
20081007
Product data sheet
-
LPC2101_02_03_2
Modifications:
• Updated data sheet status to Product data sheet.
• Table 1 and Table 2: added LPC2102FHN48 and LPC2103FHN48.
• Table 1, Table 2, Table 3 and related figures: removed LPC2103FA44.
• Table 3: updated pad descriptions.
• Table 3: updated description of pin 47, SCL1.
• Table 3: updated description of pins VDDA and VDD(1V8).
• Table 4: changed storage temperature range from
−40 °C/125 °C to −65 °C/150 °C.
• Table 5: added or modified values for IDD(act), IDD(pd), IBATpd, IBATact.
• Table 5: removed “CCLK = 10 MHz” and associated values for IDD(act).
• Section 5: added Figure 3.
• Section 11: added Figure 11.
LPC2101_02_03_2
20071218
Preliminary data sheet
-
LPC2101_02_03_1
LPC2101_02_03_1
20060118
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com