Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2103 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 25Page - NXP Semiconductors LPC2103 Datasheet HTML 26Page - NXP Semiconductors LPC2103 Datasheet HTML 27Page - NXP Semiconductors LPC2103 Datasheet HTML 28Page - NXP Semiconductors LPC2103 Datasheet HTML 29Page - NXP Semiconductors LPC2103 Datasheet HTML 30Page - NXP Semiconductors LPC2103 Datasheet HTML 31Page - NXP Semiconductors LPC2103 Datasheet HTML 32Page - NXP Semiconductors LPC2103 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
29 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
9.
Dynamic characteristics
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[3]
Bus capacitance Cb in pF, from 10 pF to 400 pF.
10. Application information
10.1 XTAL1 input
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci +Cg). In slave
mode, a minimum of 200 mV (RMS) is needed. For more details see the
LPC2101/02/03
User manual UM10161.
Table 7.
Dynamic characteristics
Tamb =0 °Cto70 °C for commercial applications, −40 °C to +85 °C for industrial applications, VDD(1V8), VDD(3V3) over
specified ranges[1].
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
External clock
fosc
oscillator frequency
10
-
25
MHz
Tcy(clk)
clock cycle time
40
-
100
ns
tCHCX
clock HIGH time
Tcy(clk) × 0.4
-
-
ns
tCLCX
clock LOW time
Tcy(clk) × 0.4
-
-
ns
tCLCH
clock rise time
-
-
5
ns
tCHCL
clock fall time
-
-
5
ns
Port pins (except P0.2 and P0.3)
tr(o)
output rise time
-
10
-
ns
tf(o)
output fall time
-
10
-
ns
I2C-bus pins (P0.2 and P0.3)
tf(o)
output fall time
VIH to VIL
20 + 0.1
× Cb[3] --ns
Fig 9.
Slave mode operation of the on-chip oscillator
LPC2xxx
XTAL1
Ci
100 pF
Cg
002aae718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com