Electronic Components Datasheet Search
  English  ▼

X  

LPC2103 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2103 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 2Page - NXP Semiconductors LPC2103 Datasheet HTML 3Page - NXP Semiconductors LPC2103 Datasheet HTML 4Page - NXP Semiconductors LPC2103 Datasheet HTML 5Page - NXP Semiconductors LPC2103 Datasheet HTML 6Page - NXP Semiconductors LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors LPC2103 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
6 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
P0.0 to P0.31
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each bit.
A total of 31 pins of the Port 0 can be used as general purpose bidirectional
digital I/Os while P0.31 is an output only pin. The operation of port 0 pins
depends upon the pin function selected via the pin connect block.
P0.0/TXD0/
MAT3.1
13[1]
I/O
P0.0 — General purpose input/output digital pin.
O
TXD0 — Transmitter output for UART0.
O
MAT3.1 — PWM output 1 for Timer 3.
P0.1/RXD0/
MAT3.2
14[1]
I/O
P0.1 — General purpose input/output digital pin.
I
RXD0 — Receiver input for UART0.
O
MAT3.2 — PWM output 2 for Timer 3.
P0.2/SCL0/
CAP0.0
18[2]
I/O
P0.2 — General purpose input/output digital pin. Output is open-drain.
I/O
SCL0 — I2C0 clock Input/output. Open-drain output (for I2C-bus compliance).
I
CAP0.0 — Capture input for Timer 0, channel 0.
P0.3/SDA0/
MAT0.0
21[2]
I/O
P0.3 — General purpose input/output digital pin. Output is open-drain.
I/O
SDA0 — I2C0 data input/output. Open-drain output (for I2C-bus compliance).
O
MAT0.0 — PWM output for Timer 0, channel 0. Output is open-drain.
P0.4/SCK0/
CAP0.1
22[1]
I/O
P0.4 — General purpose input/output digital pin.
I/O
SCK0 — Serial clock for SPI0. SPI clock output from master or input to slave.
I
CAP0.1 — Capture input for Timer 0, channel 1.
P0.5/MISO0/
MAT0.1
23[1]
I/O
P0.5 — General purpose input/output digital pin.
I/O
MISO0 — Master In Slave Out for SPI0. Data input to SPI master or data
output from SPI slave.
O
MAT0.1 — PWM output for Timer 0, channel 1.
P0.6/MOSI0/
CAP0.2
24[1]
I/O
P0.6 — General purpose input/output digital pin.
I/O
MOSI0 — Master Out Slave In for SPI0. Data output from SPI master or data
input to SPI slave.
I
CAP0.2 — Capture input for Timer 0, channel 2.
P0.7/SSEL0/
MAT2.0
28[1]
I/O
P0.7 — General purpose input/output digital pin.
I
SSEL0 — Slave Select for SPI0. Selects the SPI interface as a slave.
O
MAT2.0 — PWM output for Timer 2, channel 0.
P0.8/TXD1/
MAT2.1
29[1]
I/O
P0.8 — General purpose input/output digital pin.
O
TXD1 — Transmitter output for UART1.
O
MAT2.1 — PWM output for Timer 2, channel 1.
P0.9/RXD1/
MAT2.2
30[1]
I/O
P0.9 — General purpose input/output digital pin.
I
RXD1 — Receiver input for UART1.
O
MAT2.2 — PWM output for Timer 2, channel 2.
P0.10/RTS1/
CAP1.0/AD0.3
35[3]
I/O
P0.10 — General purpose input/output digital pin.
O
RTS1 — Request to Send output for UART1.
I
CAP1.0 — Capture input for Timer 1, channel 0.
I
AD0.3 — ADC 0, input 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com