Electronic Components Datasheet Search
  English  ▼

X  

PCA9501 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9501 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9501 Datasheet HTML 1Page - NXP Semiconductors PCA9501 Datasheet HTML 2Page - NXP Semiconductors PCA9501 Datasheet HTML 3Page - NXP Semiconductors PCA9501 Datasheet HTML 4Page - NXP Semiconductors PCA9501 Datasheet HTML 5Page - NXP Semiconductors PCA9501 Datasheet HTML 6Page - NXP Semiconductors PCA9501 Datasheet HTML 7Page - NXP Semiconductors PCA9501 Datasheet HTML 8Page - NXP Semiconductors PCA9501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PCA9501_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 February 2009
5 of 28
NXP Semiconductors
PCA9501
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM
7.
Functional description
Refer also to Figure 1 “Block diagram of PCA9501”.
7.1 Device addressing
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9501 is shown in Figure 6. Internal pull-up resistors
are incorporated on the hardware-selectable address pins.
The last bit of the address byte defines the operation to be performed. When set to logic 1
a read is selected, while a logic 0 selects a write operation.
Remark: Reserved I2C-bus addresses must be used with caution since they can interfere
with:
• Reserved for future use I2C-bus addresses (0000 011, 1111 1xx)
• Slave devices that use the 10-bit addressing scheme (1111 0xx)
• Slave devices that are designed to respond to the General Call address (0000 000)
• Hs-mode master code (0000 1xx)
Fig 5.
Simplified schematic diagram of each I/O
002aac001
write pulse
read pulse
D
CI
S
FF
Q
power-on reset
data from shift register
100
µA
VDD
IO0 to IO7
VSS
D
CI
S
FF
Q
data to shift register
to interrupt logic
a. I/O expander
b. Memory
Fig 6.
PCA9501 slave addresses
002aac002
0
A5
A4
A3
A2
A1
A0 R/W
fixed
slave address
hardware programmable
002aac003
1
A5
A4
A3
A2
A1
A0 R/W
fixed
slave address
hardware programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com