Electronic Components Datasheet Search
  English  ▼

X  

PCA9501 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9501 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 11Page - NXP Semiconductors PCA9501 Datasheet HTML 12Page - NXP Semiconductors PCA9501 Datasheet HTML 13Page - NXP Semiconductors PCA9501 Datasheet HTML 14Page - NXP Semiconductors PCA9501 Datasheet HTML 15Page - NXP Semiconductors PCA9501 Datasheet HTML 16Page - NXP Semiconductors PCA9501 Datasheet HTML 17Page - NXP Semiconductors PCA9501 Datasheet HTML 18Page - NXP Semiconductors PCA9501 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
PCA9501_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 February 2009
15 of 28
NXP Semiconductors
PCA9501
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM
11. Static characteristics
[1]
Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.
Table 5.
Static characteristics
VDD = 3.3 V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.5
3.3
3.6
V
IDDQ
standby current
A0 to A5; WC = HIGH
-
-
60
µA
IDD1
supply current read
-
-
1
mA
IDD2
supply current write
-
-
2
mA
VPOR
power-on reset voltage
-
-
2.4
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
ILI
input leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
--7
pF
I/O expander port
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IIHL(max)
input current through protection diodes
−400
-
+400
µA
IOL
LOW-level output current
VOL =1V
[1] 10
25
-
mA
IOH
HIGH-level output current
VOH =VSS
30
100
300
µA
IOHt
transient pull-up current
-
2
-
mA
Ci
input capacitance
-
-
10
pF
Co
output capacitance
-
-
10
pF
Address inputs A0 to A5; WC input
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
ILI
input leakage current
VI =VDD
−1-
+1
µA
pull-up; VI =VSS
10
25
100
µA
Interrupt output INT
IOL
LOW-level output current
VOL = 0.4 V
1.6
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com