Electronic Components Datasheet Search
  English  ▼

X  

PCA9501 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9501 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 10Page - NXP Semiconductors PCA9501 Datasheet HTML 11Page - NXP Semiconductors PCA9501 Datasheet HTML 12Page - NXP Semiconductors PCA9501 Datasheet HTML 13Page - NXP Semiconductors PCA9501 Datasheet HTML 14Page - NXP Semiconductors PCA9501 Datasheet HTML 15Page - NXP Semiconductors PCA9501 Datasheet HTML 16Page - NXP Semiconductors PCA9501 Datasheet HTML 17Page - NXP Semiconductors PCA9501 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
PCA9501_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 February 2009
14 of 28
NXP Semiconductors
PCA9501
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM
10. Limiting values
GPIO device address configured as 0110 000x for this example.
EEPROM device address configured as 1110 000x for this example.
IO0, IO2, IO3 configured as outputs.
IO1, IO4, IO5 configured as inputs.
IO6, IO7 are not used and must be configured as outputs.
Fig 22. Typical application
PCA9501
IO0
IO1
SCL
SDA
VDD
MASTER
CONTROLLER
SCL
SDA
10 k
Ω
IO2
VDD
A2
A1
A0
VDD
INT
VSS
INT
10 k
Ω
(optional)
SUB-SYSTEM 1
(e.g., temp sensor)
IO3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
VDD
A
B
enable
SUB-SYSTEM 3
(e.g., alarm system)
ALARM
IO4
IO5
VSS
A3
IO6
IO7
2 k
Ω
10 k
Ω
10 k
Ω
A4
A5
002aac025
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+4.0
V
VI
input voltage
VSS − 0.5
5.5
V
II
input current
−20
+20
mA
IO
output current
−25
+25
mA
IDD
supply current
−100
+100
mA
ISS
ground supply current
−100
+100
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com