| Electronic Components Datasheet Search |
|
PCA9501 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9501 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 28 page ![]() PCA9501_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 10 February 2009 9 of 28 NXP Semiconductors PCA9501 8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM 7.4.1.2 Page write A page write is initiated in the same way as the byte write, if after sending the first word of data the STOP condition is not received, the PCA9501 considers subsequent words as data. After each data word the PCA9501 responds with an acknowledge and the four least significant bits of the memory address field are incremented. Should the master not send a STOP condition after 16 data words, the address counter will return to its initial value and overwrite the data previously written. After the receipt of the STOP condition the inputs will behave as with the byte write during the internal write cycle. 7.4.2 Read operations PCA9501 read operations are initiated in an identical manner to write operations with the exception that the memory slave address R/W bit is set to ‘1’. There are three types of read operations: current address read, random read and sequential read. 7.4.2.1 Current address read The PCA9501 contains an internal address counter that increments after each read or write access and as a result, if the last word accessed was at address ‘n’ then the address counter contains the address ‘n + 1’. When the PCA9501 receives its memory slave address with the R/W bit set to one it issues an acknowledge and uses the next eight clocks to transmit the data contained at the address stored in the address counter. The master ceases the transmission by issuing the STOP condition after the eighth bit. There is no ninth clock cycle for the acknowledge. Fig 12. Byte write 0 A S slave address (memory) START condition R/W acknowledge from slave 002aad296 word address SDA A5 A4 A3 A2 A1 A0 1 P STOP condition. Write to the memory is performed. A acknowledge from slave data A acknowledge from slave Fig 13. Page write 0 A S slave address (memory) START condition R/W acknowledge from slave 002aad297 word address SDA A5 A4 A3 A2 A1 A0 1 P STOP condition. Write to the memory is performed. A acknowledge from slave data to memory A acknowledge from slave DATA n data to memory A acknowledge from slave DATA n + 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |