Electronic Components Datasheet Search
  English  ▼

X  

PCA9501 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9501 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 12Page - NXP Semiconductors PCA9501 Datasheet HTML 13Page - NXP Semiconductors PCA9501 Datasheet HTML 14Page - NXP Semiconductors PCA9501 Datasheet HTML 15Page - NXP Semiconductors PCA9501 Datasheet HTML 16Page - NXP Semiconductors PCA9501 Datasheet HTML 17Page - NXP Semiconductors PCA9501 Datasheet HTML 18Page - NXP Semiconductors PCA9501 Datasheet HTML 19Page - NXP Semiconductors PCA9501 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PCA9501_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 February 2009
16 of 28
NXP Semiconductors
PCA9501
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM
Remark: Rapid fall-off in VOH at current inception is due to a diode that provides 5 V
overvoltage protection for the GPIO I/O pins. When the GPIO I/Os are being used as
inputs, the internal current source VOH should be evaluated to determine if external pull-up
resistors are required to provide sufficient VIH threshold noise margin.
a. Tamb = −40 °Cb. Tamb = 25 °C
c. Tamb = 85 °C
Fig 23. VOH versus IOH
−160
−40
20
IOH
(
µA)
VOH (V)
0
3.6
1.2
2.4
002aad307
VDD = 2.5 V
2.7 V
3.0 V
3.3 V
3.6 V
−100
−140
−20
−60
−100
20
IOH
(
µA)
VOH (V)
0
3.6
1.2
2.4
002aad308
VDD = 2.5 V
2.7 V
3.0 V
3.3 V
3.6 V
−140
−20
−60
−100
20
IOH
(
µA)
VOH (V)
0
3.6
1.2
2.4
002aad309
VDD = 2.5 V
2.7 V
3.0 V
3.3 V
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com