Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 32Page - Analog Devices ADP1883 Datasheet HTML 33Page - Analog Devices ADP1883 Datasheet HTML 34Page - Analog Devices ADP1883 Datasheet HTML 35Page - Analog Devices ADP1883 Datasheet HTML 36Page - Analog Devices ADP1883 Datasheet HTML 37Page - Analog Devices ADP1883 Datasheet HTML 38Page - Analog Devices ADP1883 Datasheet HTML 39Page - Analog Devices ADP1883 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 37 of 40
270µF SP-SERIES, 4V, 7m
Ω EEFUE0G271LR
INFINEON MOSFETs (NO CONNECTION FOR Q2/Q4:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WURTH INDUCTORS:
1µH, 3.3m
Ω, 20A 7443552100
TYPICAL APPLICATIONS CIRCUITS
DUAL-INPUT, 300 kHz HIGH CURRENT APPLICATIONS CIRCUIT
MURATA: (HIGH VOLTAGE INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15 L
PANASONIC: (OUTPUT CAPACITORS)
R5
100k
Ω
Q3
Q4
Q1
Q2
HIGH VOLTAGE INPUT
VIN = 12V
HIGH VOLTAGE INPUT
VDD = 5V
C12
100nF
VOUT = 1.8V, 15A
C3
22µF
C4
22µF
C5
22µF
C6
22µF
C7
22µF
C8
N/A
C23
270µF
+
C24
270µF
+
C22
270µF
+
C21
270µF
+
C20
270µF
+
C14 TO C19
N/A
+
1.0µH
R6
2
Ω
C13
1.5nF
R1 18.75k
Ω
R2
15k
Ω
R4
0
Ω
VOUT
1
VIN
10
BST
2
COMP/EN
9
SW
3
FB
8
DRVH
4
GND
7
PGND
5
VDD
6
DRVL
ADP1882/
ADP1883
CC
700pF
CF
70pF
RC
38.1k
Ω
C1
1µF
C2
0.1µF
JP1
180µF SP-SERIES, 4V, 10m
Ω EEFUE0G181XR
INFINEON MOSFETs (NO CONNECTION FOR Q2/Q4:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WURTH INDUCTORS:
0.47µH, 0.8m
Ω, 50A 744355147
Figure 90. Applications Circuit for 12 V Input, 1.8 V Output, 15 A, 300 kHz (Q2/Q4 No Connect)
SINGLE-INPUT, 600 kHz APPLICATIONS CIRCUIT
MURATA: (HIGH VOLTAGE INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15 L
PANASONIC: (OUTPUT CAPACITORS)
R5
OPEN
Q3
Q4
Q1
Q2
HIGH VOLTAGE INPUT
VIN = 5.5V
C12
100nF
VOUT = 1.8V, 15A
C3
22µF
C4
22µF
C5
22µF
C6
22µF
C7
22µF
C8
N/A
C23
N/A
+
C24
N/A
+
C22
180µF
+
C21
180µF
+
C20
180µF
+
C14 TO C19
N/A
+
0.47µH
R6
2
Ω
C13
1.5nF
R1 31.6k
Ω
R2
15k
Ω
R4
0
Ω
VOUT
1
VIN
10
BST
2
COMP/EN
9
SW
3
FB
8
DRVH
4
GND
7
PGND
5
VDD
6
DRVL
ADP1882/
ADP1883
CC
33.4pF
CF
34pF
RC
38.3k
Ω
C1
1µF
C2
0.1µF
JP1
Figure 91. Applications Circuit for 5.5 V Input, 2.5 V Output, 15 A, 600 kHz (Q2/Q4 No Connect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com