Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 12Page - Analog Devices ADP1883 Datasheet HTML 13Page - Analog Devices ADP1883 Datasheet HTML 14Page - Analog Devices ADP1883 Datasheet HTML 15Page - Analog Devices ADP1883 Datasheet HTML 16Page - Analog Devices ADP1883 Datasheet HTML 17Page - Analog Devices ADP1883 Datasheet HTML 18Page - Analog Devices ADP1883 Datasheet HTML 19Page - Analog Devices ADP1883 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 16 of 40
CH1 1V BW
CH2 5A
Ω
CH3 10V BW
CH4 2V
M1ms
A CH1
1.56V
T 63.2%
1
2
3
4
OUTPUT VOLTAGE
INDUCTOR CURRENT
SW NODE
LOW SIDE
Figure 58. Soft Start and RES Detect Waveform
2
CH2 5V
CH3 5V
MATH 2V 40ns
CH4 2V
M40ns
A CH2
4.20V
T 29.0%
3
M
4
HIGH SIDE
HS MINUS
SW
SW NODE
LOW SIDE
TA = 25°C
Figure 59. Output Drivers and SW Node Waveforms
2
CH2 5V
CH3 5V
MATH 2V 40ns
CH4 2V
M40ns
A CH2
4.20V
T 29.0%
3
M
4
HIGH SIDE
HS MINUS
SW
SW NODE
LOW SIDE
16ns (
tf,DRVL)
25ns (
tr,DRVH)
22ns (
tpdhDRVH)
TA = 25°C
Figure 60. Upper-Side Driver Rising and Lower-Side Falling Edge Waveforms
(CIN = 4.3 nF (Upper-Side/Lower-Side MOSFET),
QTOTAL = 27 nC (VGS = 4.4 V (Q1), VGS = 5 V (Q3))
2
CH2 5V
CH3 5V
MATH 2V 20ns
CH4 2V
M20ns
A CH2
4.20V
T 39.2%
3
M
4
HIGH SIDE
HS MINUS
SW
18ns (
tr,DRVL)
LOW SIDE
24ns (
tpdh,DRVL)
11ns (
tf,DRVH)
SW NODE
TA = 25°C
570
550
530
510
490
470
450
430
–40
–20
120
100
80
60
40
20
0
TEMPERATURE (°C)
Figure 61. Upper-Side Driver Falling and Lower-Side Rising Edge Waveforms
(CIN = 4.3 nF (Upper-Side/Lower-Side MOSFET),
QTOTAL = 27 nC (VGS = 4.4 V (Q1), VGS = 5 V (Q3))
VREG = 5.5V
VREG = 3.6V
VREG = 2.7V
Figure 62. Transconductance (GM) vs. Temperature
680
330
380
430
480
530
580
630
2.7
3.0
5.4
4.8
5.1
4.5
4.2
3.9
3.6
3.3
+125°C
+25°C
–40°C
VREG (V)
Figure 63. Transconductance (GM) vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com