Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 4Page - Analog Devices ADP1883 Datasheet HTML 5Page - Analog Devices ADP1883 Datasheet HTML 6Page - Analog Devices ADP1883 Datasheet HTML 7Page - Analog Devices ADP1883 Datasheet HTML 8Page - Analog Devices ADP1883 Datasheet HTML 9Page - Analog Devices ADP1883 Datasheet HTML 10Page - Analog Devices ADP1883 Datasheet HTML 11Page - Analog Devices ADP1883 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 8 of 40
20
100
1k
10k
100k
LOAD CURRENT (mA)
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VDD = 5.5V/VIN = 5.5V (PSM)
VDD = 3.6V/VIN = 3.6V
VDD = 5.5V/VIN = 13V
VDD = 3.6V/VIN = 13V
VDD = 5.5V/VIN = 16.5V
TA = 25°C
VOUT = 0.8V, VIN = 5.5V
FSW = 1MHz
WURTH INDUCTOR:
744303022, L = 0.22µH, DCR: 0.33m
Ω
INFINEON MOSFETS:
BSC042N03MS G (UPPER/LOWER)
VDD = 5.5V/VIN = 5.5V
Figure 10. Efficiency—1.0 MHz, VOUT = 0.8 V
20
100
1k
10k
100k
LOAD CURRENT (mA)
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VDD = 5.5V/VIN = 5.5V (PSM)
VDD = 5.5V/VIN = 5.5V
VDD = 3.6V/VIN = 13V
VDD = 5.5V/VIN = 13V
VDD = 3.6V/VIN = 16.5V
VDD = 5.5V/VIN = 16.5V
TA = 25°C
VOUT = 1.8V, VIN = 5.5V
FSW = 1MHz
WURTH INDUCTOR:
744303022, L = 0.22µH, DCR: 0.33m
Ω
INFINEON MOSFETS:
BSC042N03MS G (UPPER/LOWER)
Figure 11. Efficiency—1.0 MHz, VOUT = 1.8 V
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
100
1k
10k
LOAD CURRENT (mA)
VDD = 5.5V/VIN = 16.5V (PSM)
VDD = 5.5V/VIN = 16.5V
VDD = 5.5V/VIN = 13V
TA = 25°C
VOUT = 4V, VIN = 16.5V
FSW = 1MHz
WURTH INDUCTOR:
744318180, L = 1.4µH, DCR: 3.2m
Ω
INFINEON MOSFETS:
BSC042N03MS G (UPPER/LOWER)
Figure 12. Efficiency—1.0 MHz, VOUT = 4 V
0
2k
4k
6k
8k
10k
12k
14k
16k
LOAD CURRENT (mA)
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
0.810
0.812
0.814
0.816
0.818
0.820
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
Figure 13. Output Voltage Accuracy—300 kHz, VOUT = 0.8 V
0
1.5k
3.0k
4.5k
6.0k
7.5k
9.0k 10.5k 12.0k 13.5k 15.0k
LOAD CURRENT (mA)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
1.784
1.809
1.804
1.799
1.794
1.789
Figure 14. Output Voltage Accuracy—300 kHz, VOUT = 1.8 V
0
1k
2k3k4k5k
6k
7k8k9k
10k
LOAD CURRENT (mA)
6.905
6.970
6.965
6.960
6.955
6.950
6.945
6.940
6.930
6.935
6.925
6.920
6.915
6.910
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VDD = 3.6V,
VIN = 16.5V
VDD = 5.5V,
VIN = 13V
VDD = 5.5V,
VIN = 16.5V
VDD = 3.6V,
VIN = 13V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
Figure 15. Output Voltage Accuracy—300 kHz, VOUT = 7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com