Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 2Page - Analog Devices ADP1883 Datasheet HTML 3Page - Analog Devices ADP1883 Datasheet HTML 4Page - Analog Devices ADP1883 Datasheet HTML 5Page - Analog Devices ADP1883 Datasheet HTML 6Page - Analog Devices ADP1883 Datasheet HTML 7Page - Analog Devices ADP1883 Datasheet HTML 8Page - Analog Devices ADP1883 Datasheet HTML 9Page - Analog Devices ADP1883 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 6 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN
1
COMP/EN
2
BST
10
SW
9
FB
3
GND
4
VDD
5
DRVH
8
PGND
7
DRVL
6
ADP1883
TOP VIEW
(Not to Scale)
ADP1882/
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
High Input Voltage. Connect VIN to the drain of the upper-side MOSFET.
2
COMP/EN
Output of the Internal Error Amplifier/IC Enable. When this pin functions as EN, applying 0 V to this pin disables the IC.
3
FB
Noninverting Input of the Internal Error Amplifier. This is the node where the feedback resistor is connected.
4
GND
Analog Ground Reference Pin of the IC. All sensitive analog components should be connected to this ground
plane (see the Layout Considerations
section).
5
VDD
Bias Voltage Supply for the ADP1882/ADP1883 Controller, Including the Output Gate Drivers. A bypass capacitor
of 1 μF directly from this pin to PGND and a 0.1 μF across VDD and GND are recommended.
6
DRVL
Drive Output for the External Lower-Side N-Channel MOSFET. This pin also serves as the current-sense gain
setting pin (see Figure 69).
7
PGND
Power GND. Ground for the lower-side gate driver and lower-side N-channel MOSFET.
8
DRVH
Drive Output for the External Upper-Side, N-Channel MOSFET.
9
SW
Switch Node Connection.
10
BST
Bootstrap for the Upper-Side MOSFET Gate Drive Circuitry. An internal boot rectifier (diode) is connected
between VDD and BST. A capacitor from BST to SW is required. An external Schottky diode can also be
connected between VDD and BST for increased gate drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com