Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 23Page - Analog Devices ADP1883 Datasheet HTML 24Page - Analog Devices ADP1883 Datasheet HTML 25Page - Analog Devices ADP1883 Datasheet HTML 26Page - Analog Devices ADP1883 Datasheet HTML 27Page - Analog Devices ADP1883 Datasheet HTML 28Page - Analog Devices ADP1883 Datasheet HTML 29Page - Analog Devices ADP1883 Datasheet HTML 30Page - Analog Devices ADP1883 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 27 of 40
Diode Conduction Loss
The ADP1882/ADP1883 employ anticross conduction circuitry
that prevents the upper-side and lower-side MOSFETs from
conducting current simultaneously. This overlap control is
beneficial, avoiding large current flow that may lead to
irreparable damage to the external components of the power
stage. However, this blanking period comes with the trade-off of
a diode conduction loss occurring immediately after the
MOSFETs change states and continuing well into idle mode.
The amount of loss through the body diode of the lower-side
MOSFET during the antioverlap state is given by the following
expression:
2
)
(
)
(
×
×
×
=
F
LOAD
SW
LOSS
BODY
LOSS
BODY
V
I
t
t
P
where:
tBODY(LOSS) is the body conduction time (refer to Figure 82 for
dead time periods).
tSW is the period per switching cycle.
VF is the forward drop of the body diode during conduction
(refer to the selected external MOSFET data sheet for more
information about the VF parameter).
80
72
64
56
48
40
32
24
16
8
2.7
5.5
4.8
4.1
3.4
VDD (V)
+125°C
+25°C
–40°C
1MHz
300kHz
()
Figure 82. Body Diode Conduction Time vs. Low Voltage Input (VDD)
Inductor Loss
During normal conduction mode, further power loss is caused
by the conduction of current through the inductor windings,
which have dc resistance (DCR). Typically, larger sized inductors
have smaller DCR values.
The inductor core loss is a result of the eddy currents generated
within the core material. These eddy currents are induced by the
changing flux, which is produced by the current flowing through
the windings. The amount of inductor core loss depends on the
core material, the flux swing, the frequency, and the core volume.
Ferrite inductors have the lowest core losses, whereas powdered
iron inductors have higher core losses. It is recommended to use
shielded ferrite core material type inductors with the ADP1882/
ADP1883 for a high current, dc-to-dc switching application
to achieve minimal loss and negligible electromagnetic
interference (EMI).
PDCR(LOSS) = DCR × I2LOAD + Core Loss
INPUT CAPACITOR SELECTION
The goal in selecting an input capacitor is to reduce or minimize
input voltage ripple and to reduce the high frequency source
impedance, which is essential for achieving predictable loop
stability and transient performance.
The problem with using bulk capacitors, other than their
physical geometries, is their large equivalent series resistance
(ESR) and large equivalent series inductance (ESL). Aluminum
electrolytic capacitors have such high ESR that they cause
undesired input voltage ripple magnitudes and are generally not
effective at high switching frequencies.
If bulk capacitors are to be used, it is recommended that multi-
layered ceramic capacitors (MLCC) be used in parallel, due to
their low ESR values. This dramatically reduces the input voltage
ripple amplitude as long as the MLCCs are mounted directly across
the drain of the upper-side MOSFET and the source terminal of
the lower-side MOSFET (see the Layout Considerations section).
Improper placement and mounting of these MLCCs may cancel
their effectiveness due to stray inductance and an increase in
trace impedance.
OUT
OUT
IN
OUT
MAX
LOAD
RMS
CIN
V
V
V
V
I
I
−
×
×
=
,
,
The maximum input voltage ripple and maximum input capacitor
rms current occur at the end of the duration of 1 − D while the
upper-side MOSFET is in the off state. The input capacitor rms
current reaches its maximum at Time D. When calculating the
maximum input voltage ripple, account for the ESR of the input
capacitor as follows:
VMAX,RIPPLE = VRIPP + (ILOAD,MAX × ESR)
where:
VRIPP is usually 1% of the minimum voltage input.
ILOAD,MAX is the maximum load current.
ESR is the equivalent series resistance rating of the input
capacitor used.
Inserting VMAX,RIPPLE into the charge balance equation to
calculate the minimum input capacitor requirement gives
SW
RIPPLE
MAX
MAX
LOAD
IN,min
f
D
D
V
I
C
)
1
(
,
,
−
×
=
or
RIPPLE
MAX
SW
MAX
LOAD
IN,min
V
f
I
C
,
,
4
=
where D = 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com