Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 26Page - Analog Devices ADP1883 Datasheet HTML 27Page - Analog Devices ADP1883 Datasheet HTML 28Page - Analog Devices ADP1883 Datasheet HTML 29Page - Analog Devices ADP1883 Datasheet HTML 30Page - Analog Devices ADP1883 Datasheet HTML 31Page - Analog Devices ADP1883 Datasheet HTML 32Page - Analog Devices ADP1883 Datasheet HTML 33Page - Analog Devices ADP1883 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 30 of 40
Loss Calculations
PSW(LOSS) = fSW × RGATE × CTOTAL × ILOAD × VIN × 2
= 300 × 103 × 1.5 Ω × 3.3 × 10 − 9 × 15 A × 12 × 2
= 534.6 mW
Duty cycle = 1.8/12 V = 0.15.
[
RON (N2) = 5.4 mΩ.
tBODY(LOSS) = 20 ns (body conduction time).
VF = 0.84 V (MOSFET forward voltage).
CIN = 3.3 nF (MOSFET gate input capacitance).
QN1,N2 = 17 nC (total MOSFET gate charge).
RGATE = 1.5 Ω (MOSFET gate input resistance).
()
[
] 2
LOAD
I
×
1
N2(ON)
N1(ON)
N1,N2(CL)
R
D
R
D
P
×
−
+
×
=
= (0.15 × 0.0054 + 0.85 × 0.0054) × (15 A)2
= 1.215 W
2
)
(
)
(
×
×
×
=
F
LOAD
SW
LOSS
BODY
LOSS
BODY
V
I
t
t
P
= 20 ns × 300 × 103 × 15 A × 0.84 × 2
= 151.2 mW
(
)
]
BIAS
DR
upperFET
SW
DR
LOSS
DR
I
V
C
f
V
P
=
×
+
)
(
+
[
(
)
]
I
f
V
BIAS
DD
upperFET
SW
DD
V
C
+
×
2
LOAD
I
= (5.12 × (300 × 103 × 3.3 × 10−9 × 5.12 + 0.002))
+ (5.5 × (300 × 103 × 3.3 × 10−9 × 5.5 + 0.002))
= 77.13 mW
PCOUT = (IRMS)2 × ESR = (1.5 A)2 × 1.4 mΩ = 3.15 mW
PDCR(LOSS) = DCR ×
= 0.003 × (15 A)2 = 675 mW
PCIN = (IRMS)2 × ESR = (7.5 A)2 × 1 mΩ = 56.25 mW
PLOSS = PN1,N2 + PBODY(LOSS) + PSW + PDCR + PDR + PCOUT + PCIN
= 1.215 W + 151.2 mW + 534.6 mW + 77.13 mW +
3.15 mW + 675 mW + 56.25 mW
= 2.62 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com