Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 20Page - Analog Devices ADP1883 Datasheet HTML 21Page - Analog Devices ADP1883 Datasheet HTML 22Page - Analog Devices ADP1883 Datasheet HTML 23Page - Analog Devices ADP1883 Datasheet HTML 24Page - Analog Devices ADP1883 Datasheet HTML 25Page - Analog Devices ADP1883 Datasheet HTML 26Page - Analog Devices ADP1883 Datasheet HTML 27Page - Analog Devices ADP1883 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 24 of 40
APPLICATIONS INFORMATION
FEEDBACK RESISTOR DIVIDER
The required resistor divider network can be determined for
a given VOUT value because the internal band gap reference (VREF)
is fixed at 0.8 V. Selecting values for RT and RB determines the
minimum output load current of the converter. Therefore, for
a given value of RB, the RT value can be determined using the
following expression:
RT = RB ×
V
8
.
0
V)
8
.
0
(
−
OUT
V
INDUCTOR SELECTION
The inductor value is inversely proportional to the inductor
ripple current. The peak-to-peak ripple current is given by
3
LOAD
LOAD
I
L
I
I
K
I
≈
×
=
Δ
where KI is typically 0.33.
The equation for the inductor value is given by
IN
SW
L
V
f
I
L
×
×
Δ
=
6
8
10
12
14
16
18
20
22
24
26
28
30
VALLEY CURRENT LIMIT (A)
OUT
OUT
IN
V
V
V
−
)
(
where:
VIN is the high voltage input.
VOUT is the desired output voltage.
fSW is the controller switching frequency (300 kHz, 600 kHz, and
1.0 MHz).
When selecting the inductor, choose an inductor saturation
rating that is above the peak current level, and then calculate
the inductor current ripple (see the Valley Current-Limit
Setting section and Figure 79).
52
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
ΔI = 50%
ΔI = 40%
ΔI = 33%
Figure 79. Peak Current vs. Valley Current Threshold for 33%, 40%, and 50%
of Inductor Ripple Current
Table 7. Recommended Inductors
L
(μH)
DCR
(mΩ)
ISAT
(A)
Dimensions
(mm)
Manufacturer
Model
Number
0.12
0.33
55
10.2 × 7
Wurth Electronics
744303012
0.22
0.33
30
10.2 × 7
Wurth Electronics
744303022
0.47
0.8
50
14.2 × 12.8
Wurth Electronics
744355147
0.72
1.65
35
10.5 × 10.2
Wurth Electronics
744325072
0.9
1.6
28
13 × 12.8
Wurth Electronics
744355090
1.2
1.8
25
10.5 × 10.2
Wurth Electronics
744325120
1.0
3.3
20
10.5 × 10.2
Wurth Electronics
7443552100
1.4
3.2
24
14 × 12.8
Wurth Electronics
744318180
2.0
2.6
22
13.2 × 12.8
Wurth Electronics
7443551200
0.8
27.5
Sumida
CEP125U-0R8
OUTPUT RIPPLE VOLTAGE (ΔVRR)
The output ripple voltage is the ac component of the dc output
voltage during steady state. For a ripple error of 1.0%, the output
capacitor value needed to achieve this tolerance can be deter-
mined using the following equation. Note that an accuracy of
1.0% is possible only during steady state conditions, not during
load transients.
ΔVRR = (0.01) × VOUT
OUTPUT CAPACITOR SELECTION
The primary objective of the output capacitor is to facilitate the
reduction of the output voltage ripple; however, the output
capacitor also assists in the output voltage recovery during load
transient events. For a given load current step, the output
voltage ripple generated during this step event is inversely
proportional to the value chosen for the output capacitor. The
speed at which the output voltage settles during this recovery
period depends on where the crossover frequency (loop
bandwidth) is set. This crossover frequency is determined by
the output capacitor, the equivalent series resistance (ESR) of
the capacitor, and the compensation network.
To calculate the small-signal voltage ripple (output ripple
voltage) at the steady state operating point, use the following
equation:
[]⎟
⎟
⎠
⎞
⎜⎜
⎝
⎛
×
Δ
−
Δ
×
×
×
Δ
=
)
(
8
1
ESR
I
V
F
I
C
L
RIPPLE
SW
L
OUT
where ESR is the equivalent series resistance of the output
capacitors.
To calculate the output load step, use the following equation:
))
(
(
2
ESR
I
V
f
I
C
LOAD
DROOP
SW
LOAD
OUT
×
Δ
−
Δ
×
Δ
×
=
where ΔVDROOP is the amount that VOUT is allowed to deviate for
a given positive load current step (ΔILOAD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com