Electronic Components Datasheet Search
  English  ▼

X  

ADP1883 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1883 Datasheet HTML 3Page - Analog Devices ADP1883 Datasheet HTML 4Page - Analog Devices ADP1883 Datasheet HTML 5Page - Analog Devices ADP1883 Datasheet HTML 6Page - Analog Devices ADP1883 Datasheet HTML 7Page - Analog Devices ADP1883 Datasheet HTML 8Page - Analog Devices ADP1883 Datasheet HTML 9Page - Analog Devices ADP1883 Datasheet HTML 10Page - Analog Devices ADP1883 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 7 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
WURTH IND: 744355147, L = 0.47 µH, DCR: 0.80M
Ω
INFENION FETs: BSC042N03MS G (UPPER/LOWER)
TA = 25°C
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
100
15
25
35
20
30
40
45
50
55
60
65
70
75
80
85
90
95
100
100k
10k
1k
LOAD CURRENT (mA)
100
1k
10k
100k
LOAD CURRENT (mA)
VDD = 3.6V, VIN = 5.5V (PSM)
VDD = 5.5V, VIN = 5.5V (PSM)
VDD = 5.5V, VIN = 13V (PSM)
VDD = 3.6V, VIN = 16.5V (PSM)
VDD = 5.5V, VIN = 5.5V
VDD = 5.5V, VIN = 16.5V (PSM)
VDD = 5.5V,
VIN = 13V
(PSM)
VDD = 3.6V,
VIN = 13V
(PSM)
VDD = 5.5V, VIN = 5.5V (PSM)
VDD = 5.5V,
VIN = 13V (PSM)
VDD = 5.5V, VIN = 5.5V
VDD = 5.5V, VIN = 13V
VDD = 5.5V, VIN = 16.5V (PSM)
VDD = 5.5V, VIN = 16.5V
VDD = 3.6V, VIN = 5.5V
WURTH INDUCTOR: 744355072, L = 0.72µH, DCR: 1.65m
Ω
INFINEON FETS: BSC042N03MS G (UPPER/LOWER)
RON: 5.4mΩ
TA = 25°C
Figure 4. Efficiency—300 kHz, VOUT = 0.8 V
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Figure 7. Efficiency—600 kHz, VOUT = 0.8 V
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
100
1k
10k
100k
LOAD CURRENT (mA)
100
1k
10k
100k
LOAD CURRENT (mA)
WURTH INDUCTOR: 7443252100, L = 1.0µH, DCR: 3.3m
Ω
INFINEON MOSFETS: BSC042N03MS G (UPPER/LOWER)
RON: 5.4mΩ
TA = 25°C
VDD = 5.5V, VIN = 5.5V (PSM)
VDD = 5.5V, VIN = 5.5V
VDD = 5.5V, VIN = 16.5V (PSM)
VDD = 5.5V, VIN = 16.5V
VDD = 5.5V,
VIN = 13V
VDD = 5.5V, VIN = 13V (PSM)
VDD = 3.6V, VIN = 5.5V
Figure 5. Efficiency—300 kHz, VOUT = 1.8 V
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VDD = 5.5V, VIN = 5.5V
VDD = 3.6V, VIN = 5.5V
VDD = 5.5V, VIN = 5.5V (PSM)
VDD = 5.5V, VIN = 16.5V (PSM)
VDD = 5.5V, VIN = 13V (PSM)
VDD = 5.5V, VIN = 16.5V
VDD = 5.5V, VIN = 13V
WURTH INDUCTOR: 744325072, L = 0.72µH, DCR: 1.65m
Ω
INFINEON FETS: BSC042N03MS G (UPPER/LOWER)
RON: 5.4mΩ
TA = 25°C
Figure 8. Efficiency—600 kHz, VOUT = 1.8 V
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 1.8V
FSW = 300kHz
WURTH INDUCTOR:
744355200, L = 2µH, DCR: 2.5m
Ω
INFINEON MOSFETS:
BSC042N03MS G (UPPER/LOWER)
VDD = 5.5V, VIN = 16.5V (PSM)
VDD = 2.7V, VIN = 16.5V (PSM)
VDD = 5.5V, VIN = 16.5V
VDD = 3.6V, VIN = 16.5V
VDD = 2.7V, VIN = 13V
VDD = 3.6V, VIN = 13V
VDD = 5.5V, VIN = 13V
50
55
60
65
70
75
80
85
90
95
100
100
1k
10k
100k
VDD = 5.5V/VIN = 13V (PSM)
VDD = 5.5V/VIN = 13V
VDD = 3.6V/VIN = 13V
VDD = 5.5V/VIN = 16.5V
TA = 25°C
VOUT = 5V, VIN = 13V
FSW = 600kHz
WURTH INDUCTOR:
7443552100, L = 1.0µH, DCR: 3.3m
Ω
INFINEON MOSFETS:
BSC042N03MS G (UPPER/LOWER)
Figure 6. Efficiency—300 kHz, VOUT = 7 V
LOAD CURRENT (mA)
Figure 9. Efficiency—600 kHz, VOUT = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com