Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 15Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 16Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 17Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 18Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 19Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 20Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 21Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 22Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 19
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.2.10 New_data_int
If this bit (address 15h, bit 5) is set to 1, an interrupt will be generated when all three axes
acceleration values are new, i.e. BMA150 updated all acceleration values after latest serial
read-out. Interrupt generated from new data detection is a latched one; microcontroller has to
write reset_INT at 1 after interrupt has been detected high (section 3.3.1). This interrupt is also
reset by any acceleration byte read procedure (read access to address 02h to 07h).
New data interrupt always occurs at the end of the Z-axis value update in the output register
(3kHz rate). Following figure shows two examples of X-axis read out and the corresponding
interrupt generation.
Figure 3: Explanation of new data interrupt.
left side - read out command of x-axis prior to next x-axis conversion
→ new data interrupt after completion of current conversion cycle after z-axis
conversion
right side - read out of x-axis send after x-axis conversion
→ new data interrupt at the end of next period when x axis has been updated
Please refer to chapter 8.1 for more details.
Note: When using the I2C interface for data transfer, the data read out phase can be longer than
330µs (depending on I2C clock frequency and the amount of data transmitted). Starting a new
data read out sequence may lead to the situation that the new_data_int may not be cleared right
in time. This must be considered and taken care of properly.
T
X
Y
Z
X-axis value read out
New data interrupt
X-axis value read out
New data interrupt
T
X
Y
Z
T
X
Y
Z
T
X
Y
Z
X-axis value read out
New data interrupt
X-axis value read out
New data interrupt
T
X
Y
Z
T
X
Y
Z
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com