Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 42Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 43Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 44Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 45Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 46Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 46
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
evaluates the acceleration data with respect to interrupt criteria defined by the user. An interrupt
output can be generated and trigger the system master. The wake-up mode is used for ultra-low
power applications where inertial factors can be an indicator to change the activity mode of the
system.
The following table shows values calculated for the average current consumption during the
wake-up mode of the BMA150. The power consumption in wake-up mode is dependent on the
duration of the interrupt algorithm (number of data acquisitions) and the bandwidth (for more
details on setting of the bandwidth please refer to chapter 3.1.3).
Table 13: Average current consumption in self wake-up mode using high-g or low-g interrupt
Current consumption during BMA150 wake-up mode [µA]
(depending on bandwidth, calculated using typical values)
Pause [ms]
(@ 1,500Hz)
(@ 750Hz)
(@375Hz)
(@190Hz)
(@100Hz)
(@50Hz)
(@25Hz)
20
16.3
21,8
31.8
48.4
71.6
102.9
134.7
80
5.1
6.6
9.7
15.4
25.0
42.3
68.4
360
1.9
2.3
3.0
4.4
6.9
12.0
21.3
2,560
1.1
1.2
1.3
1.5
1.9
2.6
4.1
Durations of the pause values can vary for about ±30% due to the accuracy of the ultra-low-
power oscillator implemented within the sensor.
For estimating the typical current consumption in wake-up mode the following formula can be
applied:
i_self_wake_up = (i_DD · t_active + i_DDsbm · wake-up-pause) / (t_active + wake-up-pause)
With the approximation:
t_active = 1ms + 0.333ms · (4
⋅ 750 / bandwidth) + 0.333ms · (1500 / bandwidth) · n
With the following parameters:
i_DD
Current in normal mode
i_DDsm
Current in sleep mode
wake_up_pause
Setting of wake-up pause
n
number of data points in any-motion logic
(n=0 for high-g threshold and low-g threshold interrupt,
n=3 for any-motion logic)
Bandwidth
Setting of bandwidth (750-25 Hz),
for 1500Hz t_active = 1ms + 0.333ms · (1500/bandwidth) · n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com