Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 50Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 51Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 52Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 53Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 54Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 55Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 51
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
9. Internal logic functions
The sensor IC can inform the host system about specific conditions (e.g. new data ready flag or
acceleration thresholds passed) by setting an interrupt pin high even if interface communication
is not taking place. This feature can be used as “freefall indicator”, “wake-up” or “data ready
flag” for instance.
The interrupt performance can be programmed by means of control bits. Thus the criteria to
identify a special event can be tailored to a customer’s application and the sensor IC output can
be defined specifically.
9.1 Freefall logic
For freefall detection the absolute value of the acceleration data of all axes are investigated
(global criteria). A freefall situation is likely to occur when all axes fall below a lower threshold
value (“LG_thres”). The interrupt pin will be raised high if the threshold is passed for a minimum
duration. The duration time can be programmed in units of ms (max. 255ms).
The function “Freefall Interrupt” can be switched on/off by a control bit which is located within
the image of the non-volatile memory. Thus this functionality can be stored as default setting of
the sensor IC (EEPROM) but can also rapidly be changed within the image.
The reset of the freefall interrupt can be accomplished by means of a master reset of the
interrupt flag (latched interrupt) or the reset can be triggered by the acceleration signal itself
(validation of a programmable “hysteresis”).
See also section 3.2.7.
9.2 High-g logic
For indicating high-g events an upper threshold can be programmed. This logic can also be
activated by a control bit. Threshold, duration and reset behaviour can be programmed. The
high-g and freefall criteria can be logically combined with an <OR>.
See also section 3.2.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com