Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 27
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Table 9: Specification of four-wire SPI serial interface
Interface parameters :
Conditions
Min.
Typ.
Max.
unit
Input - low level
Vil_si
VDDIO=1.62V to 3.6V
0.3*VDDIO
V
Input - high level
Vih_si
VDDIO=1.62V to 3.6V
0.7*VDDIO
V
Output – low level
Vol_SDI
VDDIO=1.8V, iol=3 mA
0.4
V
Output – high level Voh_SDI
VDDIO=1.8V, ioh=1mA
1.4
V
Load capacitor
(on SDO)
Csdo_spi
For 10MHz SPI transfer
25
pF
CSB
pull-up resistor
CSB_pull_up
Internal pull-up
resistance to VDDIO
70
120
190
kΩ
4-wire SPI timings :
SPI clock
input frequency
Fspi_4
10
MHz
SCK low pulse
Tlow_sck_4
5
ns
SCK high pulse
Thigh_sck_4
5
ns
SDI setup time
Tsetup_sdi_4
5
ns
SDI hold time
Thold_sdi_4
5
ns
SDO output delay
Tdelay_sdo_4
25
ns
CSB setup time
Tsetup_csb_4
5
ns
CSB hold time
Thold_csb_4
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com