Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 45Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 46Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 50Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 51Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 52Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 49
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Figure 27: Estimation of current consumption using Monte Carlo simulation,
example #2: Bandwidth 47Hz, 2560ms wake-up setting, any-motion interrupt
Figure 28: Estimation of current consumption using Monte Carlo simulation,
example #3: Bandwidth 23Hz, 2560ms wake-up setting, any-motion interrupt
7
8
9
10
11
12
13
14
0
100
200
300
400
500
600
700
CurrentSelfWakeUp
i_self_w ake_up [µA]
MW 10.1 µA
3s
2.29 µA
yield 100 %
7
8
9
10
11
12
13
14
0
100
200
300
400
500
600
700
CurrentSelfWakeUp
i_self_w ake_up [µA]
MW 10.1 µA
3s
2.29 µA
yield 100 %
4.5
5
5.5
6
6.5
7
7.5
0
100
200
300
400
500
600
700
CurrentSelfWakeUp
i_self_w ake_up [µA]
MW 5.63 µA
3s
1.19 µA
yield 100 %
4.5
5
5.5
6
6.5
7
7.5
0
100
200
300
400
500
600
700
CurrentSelfWakeUp
i_self_w ake_up [µA]
MW 5.63 µA
3s
1.19 µA
yield 100 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com