Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 41Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 42Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 43Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 44Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 45Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 46Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 45
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
7. Operation modes
7.1 Normal operational mode
In normal operational mode the sensor IC can be addressed via digital interface. Data and
status registers can be read out and control registers and EEPROM values can be read and
changed. In parallel to normal operation the user has the option to activate several internal logic
paths and set criteria to trigger the interrupt pin. BMA150 is designed to enable low current
consumption of 200µA in operational mode.
A self-test procedure can be started in operational mode for testing of the complete signal
evaluation path including the micro-machined sensor IC structure, the evaluation ASIC and the
physical connection to the host system.
7.2 Sleep mode
Sleep mode is activated by setting a control bit. In sleep mode no communication with the
sensor IC is possible – all read and write commands are forbidden. The recommended
command to switch to operational mode is the wake-up call.
Wake-up time from sleep to operational mode is 1ms.
In case of a soft-reset, it is recommended to do this reset after having switched from sleep to
operational mode. In this case the total typical wake-up and reset time at maximum bandwidth is
"switching to operational mode = 1ms" and "time after soft reset until acceleration data is
available = 1.3ms", i.e. 2.3ms in total.
In case a soft-reset is activated during sleep mode it can take up to 30ms until normal operation
has resumed.
The current consumption in sleep mode is 1µA.
7.3 Wake-up mode
In general BMA150 is attributed to low power applications and can contribute to the system
power management.
•
Current consumption 200µA operational
•
Current consumption 1µA sleep mode
•
Wake-up time 1ms
•
Start-up time 3ms
•
Data ready indicator to reduce unnecessary interface communication
•
Wake-up mode to trigger a system wake-up (interrupt output to master)
when motion detected
•
Low current consumption in wake-up mode
The BMA150 provides the possibility to wake up a system master when specific acceleration
values are detected. Therefore the BMA150 stays in an ultra low power mode and periodically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com