Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 31Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 28
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Figure 6: When write is required, sequences of 2 bytes are necessary: 1 control byte to define
the address to be written and the data byte.
Start
RW
RW
Stop
000
10110X
XXXXXX
X
00001
011X
X
X
X
X
X
X
X
CSB
=
1
Control byte
Data byte
Data register - adress 02h
Register adress (16h)
Register adress (0Bh)
CSB
=
0
Control byte
Data byte
Data register - adress 1Eh
Figure 7: When read access is required, the sequence consists of 1 control byte to define first
address to be read followed by data bytes. Addresses are automatically incremented as long as
CSB stays active low.
Start
RW
Stop
10000
010X
X
XXXXX
XXXXX
XXXXX
XXXXX
XX
Register adress (02h)
CSB
=
0
CSB
=
1
Data byte
Data byte
Data register - adress 03h
Data register - adress 04h
Control byte
Data byte
Data register - adress 02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com