Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA150 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BMA150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMA150 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 7
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
2. Maximum ratings
Table 2: Maximum ratings specified for the BMA150
Parameter
Condition
Min
Max
Units
Supply Voltage
VDD and VDDIO
-0.3
4.25
V
Storage Temperature range
-50
+150
°C
EEPROM write cycles
Same Byte
1000
cycles
EEPROM retention
At 55°C, after 1000 cycles
10
years
Duration ≤ 100µs
10,000
g
Duration ≤ 1.0ms
2,000
g
Mechanical Shock
Free fall onto hard surfaces
1.5
m
HBM, at any pin
2
kV
ESD
CDM
500
V
Note:
Stress above these limits may cause damage to the device. Exceeding the specified electrical
limits may affect the device reliability or cause malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com