Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Rev 1.00
March 22, 2010
7
HT45B0K
SPI to USB Bridge
USB Module
To communicate with an external USB host, the internal USB module has the external pins known
as UDP and UDN along with the 3.3V regulator output V33O. All data transmissions and receptions
between MCU and USB module including USB commands are conducted along the interconnected
SPI interface. The USB module has 6 endpoints and 160 bytes FIFO for the endpoints respectively.
A Serial Interface Engine (SIE) decodes the incoming USB data stream and transfers it to the
correct endpoint buffer memory (FIFO). The USB function control is implemented using a series
of registers accessed by the MCU using its SPI Master serial interface. A series of status registers
provide the user with the USB data transfer situation as well as any error conditions. The USB
contains its own independent interrupt which can be used to indicate when the USB FIFOs are
accessed by the host device or a change of the USB operating conditions including the USB
suspend mode, resume event or USB reset occurs.
There are both read and write commands for accessing the USB Module. For reading and writing
to registers, both command and address information is contained within a single byte. A series of
registers which are addressed by 5 address bits A4~A0 are available to control the USB module for
Read/Write Registers commands. The format for reading and writing commands is shown in the
following table.
Command Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read Registers
0
x
x
A4
A3
A2
A1
A0
Write Registers
1
x
x
A4
A3
A2
A1
A0
Note: “x” here stands for “don’t care”.
USB Accessing Commands
There are several registers associated with the USB function. Some of the registers control the
overall function of the USB module as well as the interrupts, while some of the registers contain
the status bits which indicate the USB data transfer situations and error condition. Also there are
FIFOs for the USB endpoints to store the data received from or to be transmitted to the USB host.
The USB module has 6 endpoints (EP0~EP5) with different FIFO size for each one. The FIFO size
is 8 bytes for EP0~EP2 and EP4 which support “Interrupt transfer”, while the FIFO size for EP3
and EP5 is 64 bytes which can support “Bulk transfer”.
USB Status and Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com