Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 17Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 18Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Rev 1.00
March 22, 2010
15
HT45B0K
SPI to USB Bridge
SETIO Register
The SETIO register is used to configure the endpoint FIFO as IN pipe or OUT pipe.
SETIO Register
Bit
7
6
5
4
3
2
1
0
Name
――
SETIO5
SETIO4
SETIO3
SETIO2
SETIO1
DATATG
R/W
――
R/W
R/W
R/W
R/W
R/W
R/W
POR
――
11
11
1
0
Bit 7~6
Unimplemented, read as “0”.
Bit 5~1
SETIO5~SETIO1: Endpoint 5 FIFO ~ Endpoint FIFO1 pipe direction control.
0: the corresponding endpoint FIFO is configured as OUT pipe.
1: the corresponding endpoint FIFO is configured as IN pipe.
If the related SETIO bit is set to 1, the corresponding endpoint FIFO is configured as IN
pipe for IN token operation. Otherwise, the corresponding endpoint FIFO is configured
as OUT pipe for OUT token operation. The purpose of this function is to avoid the USB
host from abnormally sending only an IN token or OUT token and disable the related
endpoint.
Bit 0
DATATG: DATA0 toggle bit
0: no operation.
1: DATA0 will be sent first.
As the USB specification defined, when the USB host sends a “Set Configuration”
SETUP token, the Data pipe should send the DATA0 (Data toggle) first. Therefore,
when the USB device receives a “Set Configuration” SETUP token, user needs to set
DATATG bit to 1 and then clear it to zero after a 2μs delay to generate a positive pulse
with 2μs pulse width to make sure that the next data will send a DATA0 first.
UIC register
The UIC register is used to control the interrupt request for each endpoint. Interrupts can be enabled
or disabled independently if the corresponding endpoint FIFO pipes are enabled.
UIC Register
Bit
7
6
5
4
3
2
1
0
Name
――
EU5I
EU4I
EU3I
EU2I
EU1I
EU0I
R/W
――
R/W
R/W
R/W
R/W
R/W
R/W
POR
――
00
00
0
0
Bit 7~6
Unimplemented, read as “0”.
Bit 5~0
EU5I~EU0I: USB Endpoint 5 ~ Endpoint 0 interrupt control as being accessed.
0: disable the corresponding endpoint interrupt as it is accessed.
1: enable the corresponding endpoint interrupt as it is accessed.
If the related Endpoint FIFO pipe is enabled and the corresponding Endpoint interrupt is
enabled, the USB interrupt for endpoint access will occur. Then a low pulse signal will
be generated on
line to get the attentions from the host MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com