Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Rev 1.00
March 22, 2010
11
HT45B0K
SPI to USB Bridge
AWR Register
The AWR register contains the USB device address and the Remote wake-up function control bit.
The initial value of the USB device address is 00H. The address value extracted from the USB
command is to be immediately loaded into this register or not depending upon the device address
update control bit ASET in the SIES register.
AWR Register
Bit
7
6
5
4
3
2
1
0
Name
UAD6
UAD5
UAD4
UAD3
UAD2
UAD1
UAD0
WKEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~1 UAD6~UAD0: USB device address
Bit 0
WKEN: USB device Remote Wake-up function enable control
0: disable USB remote wake-up function
1: enable USB remote wake-up function
STALL Register
The STALL register shows whether the corresponding endpoint works properly or not. As soon
as the endpoint works improperly, the related bit in the STALL register has to be set to 1 by
application program. The contents of the STALL register will be cleared by USB reset signal.
STALL Register
Bit
7
6
5
4
3
2
1
0
Name
――
STL5
STL4
STL3
STL2
STL1
STL0
R/W
――
R/W
R/W
R/W
R/W
R/W
R/W
POR
――
1
111
1
1
Bit 7~6 Unimplemented, read as “0”.
Bit 5~0 STL5~STL0: USB endpoint stall indication
0: the corresponding USB endpoint is not stalled.
1: the corresponding USB endpoint is stalled.
The STL bit is set by users when the related USB endpoint is stalled. These
bits are cleared by USB reset signal. For endpoint 0 the stall bit STL0 can also
be cleared by Setup Token event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com