Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Rev 1.00
March 22, 2010
9
HT45B0K
SPI to USB Bridge
is set to 0. When the MCU detects the suspend mode SUSP, the resume signal RESUME
which causes MCU to wake up should be remembered and taken into consideration.
Bit 2
URST: USB reset indication flag
0: No USB reset event occurred.
1: USB reset event has occurred.
The USB bit is set and cleared by USB SIE. When the URST bit is set to 1, it indicates
that a USB reset event has occurred and a USB interrupt will be initiated.
Bit 1
RMWK: USB remote wake-up command
0: disable USB remote wake-up command
1: initiate USB remote wake-up command
The RMWK is set to 1 by MCU to force the USB host leaving the suspend mode. Set
RMWK bit to 1 to initiate the remote walk-up command. When the RMWK bit is set to 1,
a 2μs delay for clearing this bit to 0 is necessary to ensure that the RMWK command is
accepted by the SIE.
Bit 0
SUSP: USB suspend indication flag
0: USB leaves the suspend mode.
1: USB enters the suspend mode.
This bit is read only and set to 1 by SIE to indicate that the USB bus enters the suspend
mode.
The USB interrupt is also generated when the SUSP bit is asserted.
USR Register
The USR (USB endpoint interrupt status register) register is consisted of the endpoint request
flags (EP0IF~EP5IF) used to indicate which endpoint is accessed. When an endpoint is accessed,
the related endpoint request flag will be set to 1 by SIE and a USB interrupt will be generated if
the control bits related to the USB interrupt are enabled and the stack in the host MCU is not full.
When the active endpoint request flag is serviced, the endpoint request flag has to be cleared to 0
by application program.
USR Register
Bit
76543210
Name
――
EP5IF
EP4IF
EP3IF
EP2IF
EP1IF
EP0IF
R/W
――
R/W
R/W
R/W
R/W
R/W
R/W
POR
――
000000
Bit 7~6
Unimplemented, read as “0”.
Bit 5~0
EP5IF~EP0IF: Endpoint Interrupt request flags
0: the corresponding Endpoint is not accessed.
1: the corresponding Endpoint has been accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com