Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 17Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 18Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 19Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 20Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 21Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Rev 1.00
March 22, 2010
18
HT45B0K
SPI to USB Bridge
USB Module Suspend Mode and Wake-up
If there is no signal on the USB bus for over 3ms, the devices will go into a suspend mode. The
Suspend indication bit SUSP, bit 0 of the USC register, will be set to 1 and a USB interrupt will
be generated to indicate that the device should jump to the suspend state to meet the 500μA USB
suspend current specification. In order to meet the 500μA suspend current, the firmware should
disable the USB clock by clearing the USB clock enable control bit USBCKEN in the UCC register
to 0. Also the USB PLL and PHY circuitry control bits known as PLL and SUSPC should be set to
1 to disable the USB PLL and PHY function. The suspend current is about 400μA.
USB Suspend Mode
When the resume signal is asserted by the USB host, the USB device will be woken up with a USB
interrupt generated on the INT line and the Resume indication bit RESUME in the USC register
will be set. In order to make the device function properly, the application program must set the
USBCKEN bit in the UCC register to 1 and clear the PLL and SUSPC bits in the USC register
and PIPE register respectively to 0. When the resume signal is de-asserted by the USB host, the
USB device actually leaves the suspend mode and the USB host will start to communicate with the
USB device. The SUSP bit will be cleared as well as the RESUME bit when the USB device really
leaves the suspend mode. So when the MCU is detecting the Suspend bit, the Resume bit should
be stored and taken into consideration. The following diagram shows the relationship between the
SUSP and RESUME bits and INT signal.
USB Host Wake-up
S U S P
R E S U M E
I N T
Suspend and Host Wake-up
As the device has a remote wake-up function, it can wake up the USB Host by sending a wake-up
pulse by setting the RMWK bit in the USC register to 1 for 2μs and then setting the RMWK bit to 0.
Once the USB Host receives a wake-up signal from the device, it will send a Resume signal to the
device. The timing is as follows:
USB Remote Wake-up
Suspend and Remote Wake-up
S U S P
R E S U M E
I N T
R M W K
2 . 5 m s ( M i n . )
2μs (Min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com