Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 17Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 18Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 19Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 20Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 21Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 22Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Rev 1.00
March 22, 2010
19
HT45B0K
SPI to USB Bridge
USB Interrupt Structure
Several individual USB conditions can generate a USB interrupt. These conditions are the USB
suspended, USB resume, USB reset and USB endpoint FIFO access events. When the USB
interrupt caused by any of these conditions occurs, a low pulse will be generated on the INT line to
get the attention of the microcontroller or microprocessor.
For the USB Endpoint FIFO access event, there are the corresponding indication flags to indicate
which endpoint FIFO is accessed. As the Endpoint FIFO access flag is set, it will generate a USB
interrupt on INT line if the associated Endpoint FIFO pipe and interrupt control are both enabled.
The Endpoint FIFO access flags should be cleared by the application program. As the USB
suspended, USB resume or USB reset condition occurs, the corresponding indication flag, known
as SUSP, RESUME and URST bits, will be set and a USB interrupt will directly generated without
any associated interrupt control being enabled. The SUSP, RESUME and URST bits are read only
and set or cleared by the USB SIE.
S u s p e n d i n d i c a t i o n f l a g
S U S P
R e s u m e i n d i c a t i o n f l a g
R E S U M E
E U n I
R e s e t i n d i c a t i o n f l a g
U R S T
E n d p o i n t F I F O a c c e s s
i n d i c a t i o n f l a g E P n I F
E P n E
U S C R e g i s t e r
U S R R e g i s t e r
0
1
0
1
U I C R e g i s t e r
P I P E R e g i s t e r
I N T
USB Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com