Electronic Components Datasheet Search
  English  ▼

X  

HT45B0K Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Rev 1.00
March 22, 2010
8
HT45B0K
SPI to USB Bridge
Address
Name
POR state
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
USC
--00 0000
――
PLL
V33C
RESUME
URST RMWK
SUSP
01H
USR
--00 0000
――
EP5IF
EP4IF
EP3IF
EP2IF
EP1IF
EP0IF
02H
UCC
-0-0 0000
―
SYSCLK
―
SUSP2 USBCKEN EPS2
EPS1
EPS0
03H
AWR
0000 0000 UAD6
UAD5
UAD4
UAD3
UAD2
UAD1
UAD0
WKEN
04H
STALL
--11 1110
――
STL5
STL4
STL3
STL2
STL1
STL0
05H
SIES
0100 0000
NMI
EOT
CRCF
NAK
IN
OUT
ERR
ASET
06H
MISC
0x1- -000
LEN0
READY SETCMD
――
CLEAR
TX
REQUEST
07H
SETIO
--11 1110
――
SETIO5 SETIO4
SETIO3
SETIO2 SETIO1 DATATG
08H
UIC
--00 0000
――
EU5I
EU4I
EU3I
EU2I
EU1I
EU0I
09H
Unused
---- ----
Reserved
0AH
PIPE
0-00 000- SUSPC
―
EP5E
EP4E
EP3E
EP2E
EP1E
―
0BH
SWRST
---- ---0
――
―
―
―
―
―
RESET
0CH~0FH Unused
---- ----
Reserved
10H
FIFO0
XXXX XXXX
Data for endpoint 0
11H
FIFO1
XXXX XXXX
Data for endpoint 1
12H
FIFO2
XXXX XXXX
Data for endpoint 2
13H
FIFO3
XXXX XXXX
Data for endpoint 3
14H
FIFO4
XXXX XXXX
Data for endpoint 4
15H
FIFO5
XXXX XXXX
Data for endpoint 5
16H~1FH Unused
---- ----
Reserved
USB Register Summary
USC Register
The USC register contains the status bits for USB suspend, resume and reset indications. It also
contains the bits used to control the Remote Wake-up, V33O output and PLL functions. Further
explanation on each bit is given below:
USC Register
Bit
76543210
Name
――
PLL
V33C
RESUME
URST
RMWK
SUSP
R/W
――
R/W
R/W
R
R
R/W
R
POR
――
000000
Bit 7~6
Unimplemented, read as “0”.
Bit 5
PLL: PLL enable control
0: turn on the PLL
1: turn off the PLL
Bit 4
V33C: V33O output enable control
0: turn off the V33O output
1: turn on the V33O output
Bit 3
RESUME: USB resume indication flag
0: USB device does not receive the resume signal or has left the suspend mode.
1: USB device receives the resume signal and is going to leave the suspend mode.
When the USB device receives the resume signal, this bit is set to 1 by SIE. This bit will
appear for about 20ms, waiting for the MCU to detect it. When the RESUME is set by
SIE, an interrupt will be generated to wake up the MCU. In order to detect the suspend
state, MCU should set the USBCKEN bit to 1 and clear the PLL and SUSPC bits to 0 to
enable the SIE and PHY functions. The RESUME bit will be cleared when the SUSP bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com